Zakładka z wyszukiwarką danych komponentów |
|
TS5A9411DCKRG4 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
TS5A9411DCKRG4 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 21 page ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (1) TS5A9411 www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008 V+ = 2.25 V to 2.75, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, 0 V+ V range VNO, VNC 25°C 15 25 ON-state VNO or VNC = 1 V, Switch ON, rON 2.25 V Ω resistance ICOM = –10 mA, See Figure 6 Full 28 ON-state 25°C 0.06 0.3 resistance VNO or VNC = 1 V, Switch ON, match ΔrON 2.25 V Ω ICOM = –10 mA, See Figure 6 Full 0.3 between channels ON-state 0 ≤ (VNO or VNC) ≤ V+, Switch ON, resistance rON(flat) 25°C 2.25 V 4 Ω ICOM = –10 mA, See Figure 6 flatness VNC or VNO = 1.5 V, 25°C –300 300 pA NC, NO VCOM = 0.5 V to 1.5 V, INC(OFF), Switch OFF, OFF leakage or 2.75 V INO(OFF) See Figure 7 Full –1 1 nA current VNC or VNO = 1.5 V, VCOM = 1.5 V, VNC or VNO = 1.5 V, 25°C –300 300 pA NC, NO INC(ON), VCOM = 0.5 V to 1.5 V Switch ON, ON leakage 2.75 V INO(ON) VNC or VNO = 1.5 V, See Figure 8 Full –1 1 nA current VCOM = 1.5 V, VNC or VNO = Open, 25°C –300 300 pA COM VCOM = 0.5 V, Switch ON, ON leakage ICOM(ON) or 2.75 V See Figure 8 Full –1 1 nA current VNC or VNO = Open, VCOM = 1.5 V, Digital Input (IN) Input logic high VIH Full 2 5.5 V Input logic low VIL Full 0 0.4 V 25°C –0.05 0.05 Input leakage IIH, IIL VI = 5.5 V or 0 V 2.75 V µA current Full –0.05 0.05 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TS5A9411 |
Podobny numer części - TS5A9411DCKRG4 |
|
Podobny opis - TS5A9411DCKRG4 |