Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7386 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części TDA7386
Szczegółowy opis  4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7386 Arkusz danych(HTML) 2 Page - STMicroelectronics

  TDA7386 Datasheet HTML 1Page - STMicroelectronics TDA7386 Datasheet HTML 2Page - STMicroelectronics TDA7386 Datasheet HTML 3Page - STMicroelectronics TDA7386 Datasheet HTML 4Page - STMicroelectronics TDA7386 Datasheet HTML 5Page - STMicroelectronics TDA7386 Datasheet HTML 6Page - STMicroelectronics TDA7386 Datasheet HTML 7Page - STMicroelectronics TDA7386 Datasheet HTML 8Page - STMicroelectronics TDA7386 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
D94AU159A
1
25
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Operating Supply Voltage
18
V
VCC (DC)
DC Supply Voltage
28
V
VCC (pk)
Peak Supply Voltage (t = 50ms)
50
V
IO
Output Peak Current:
Repetitive (Duty Cycle 10% at f = 10Hz)
Non Repetitive (t = 100
µs)
4.5
5.5
A
A
Ptot
Power dissipation, (Tcase =70
°C)
80
W
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to Case
Max.
1
°C/W
TDA7386
2/9


Podobny numer części - TDA7386

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
More results

Podobny opis - TDA7386

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
   Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
logo
STMicroelectronics
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
   4 x 42W quad bridge car radio amplifier
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com