Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD7000-V Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części MMBD7000-V
Szczegółowy opis  Small Signal Switching Diode, Dual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD7000-V Arkusz danych(HTML) 2 Page - Vishay Siliconix

  MMBD7000-V Datasheet HTML 1Page - Vishay Siliconix MMBD7000-V Datasheet HTML 2Page - Vishay Siliconix MMBD7000-V Datasheet HTML 3Page - Vishay Siliconix MMBD7000-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85736
Rev. 1.3, 07-Apr-05
MMBD7000-V
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on alumina substrate
2) On FR-5 board
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm (Inches)
Parameter
Test condition
Symbol
Value
Unit
Typical thermal resistance
RthJA
4171)
°C/W
Junction to ambient air
RthJA
5562)
mW/°/W
Maximum junction temperature
Tj
150
°C
Storage temperature range
TS
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 100 µAVBR
100
V
Leakage current
VR = 50 V
IR
1.0
µA
VR = 100 V
IR
3.0
µA
VR = 50 V, Tj = 125 ° C
IR
100
µA
Forward voltage
IF = 1 mA
VF
0.55
0.70
V
IF = 10 mA
VF
0.67
0.82
V
IF = 100 mA
VF
0.75
1.10
V
Diode capacitance
VR = 0, f = 1 MHz
Ctot
1.5
pF
Reverse recovery time
IF = 10 mA to IR = 10 mA,
Irr = 1 mA, RL = 100 Ω
Irr
4.0
ns
2.0 (0.079)
0.9 (0.035)
0.95 (0.037)
0.95 (0.037)
0.52 (0.020)
1
2
3
17418
2.8 (.110)
3.1 (.122)
0.4 (.016)
0.95 (.037)
0.95 (.037)
0.1 (.004) max.
0.4 (.016)
0.4 (.016)
0.098 (.005)
0.175 (.007)
2.35 (.092)
2.6 (.102)
ISO Method E
Mounting Pad Layout


Podobny numer części - MMBD7000-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MMBD7000-V VISHAY-MMBD7000-V Datasheet
80Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.4, 13-May-11
MMBD7000-V-G VISHAY-MMBD7000-V-G Datasheet
82Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.0, 13-May-11
MMBD7000-V VISHAY-MMBD7000-V_12 Datasheet
80Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.4, 13-May-11
More results

Podobny opis - MMBD7000-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BAV23C-G VISHAY-BAV23C-G Datasheet
100Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.3, 17-May-13
BAV70-G VISHAY-BAV70-G Datasheet
91Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.0, 16-May-13
MMBD7000 VISHAY-MMBD7000 Datasheet
77Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.5, 15-May-13
BAW56-GS08 VISHAY-BAW56-GS08 Datasheet
462Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.6, 09-Jul-04
BAV70-V VISHAY-BAV70-V_12 Datasheet
99Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V_12 Datasheet
102Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.8, 12-Aug-10
BAV99-V VISHAY-BAV99-V Datasheet
180Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.7, 09-Mar-06
MMBD7000-G VISHAY-MMBD7000-G_V01 Datasheet
91Kb / 3P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23C-G VISHAY-BAV23C-G_V01 Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
01-Jan-2022
BAV23CG VISHAY-BAV23CG Datasheet
110Kb / 5P
   Small Signal Switching Diode, Dual
Rev. 1.5, 13-Feb-18
BAW56-G VISHAY-BAW56-G Datasheet
90Kb / 4P
   Small Signal Switching Diode, Dual
Rev. 1.1, 25-Jun-13
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com