Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1046X-T1-GE3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1046X-T1-GE3
Szczegółowy opis  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1046X-T1-GE3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1046X-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1046X-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1046X-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1046X-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1046X-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 74594
S-81543-Rev. B, 07-Jul-08
Vishay Siliconix
Si1046X
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
20.5
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 2.12
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.35
0.95
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 30
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
10
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = 4.5 V
2.5
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 0.606 A
0.336
0.420
Ω
VGS = 2.5 V, ID = 0.505 A
0.395
0.501
VGS = 1.8 V, ID = 0.150 A
0.438
0.660
Forward Transconductance
gfs
VDS = 10 V, ID = 0.606 A
2.1
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
66
pF
Output Capacitance
Coss
17
Reverse Transfer Capacitance
Crss
7
Total Gate Charge
Qg
VDS = 10 V, VGS = 5 V, ID = 0.606 A
0.99
1.49
nC
VDS = 10 V, VGS = 4.5 V, ID = 0.606 A
0.92
1.38
Gate-Source Charge
Qgs
0.15
Gate-Drain Charge
Qgd
0.30
Gate Resistance
Rg
f = 1 MHz
212
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 20.8 Ω
ID ≅ 0.48 A, VGEN = 4.5 V, Rg = 1 Ω
17
26
ns
Rise Time
tr
19
28.5
Turn-Off Delay Time
td(off)
76
114
Fall Time
tf
27
41
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
2.5
A
Body Diode Voltage
VSD
IS = 0.48 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.0 A, dI/dt = 100 A/µs
16
24
nC
Body Diode Reverse Recovery Charge
Qrr
4.8
7.2
ns
Reverse Recovery Fall Time
ta
12.3
Reverse Recovery Rise Time
tb
3.7


Podobny numer części - SI1046X-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1046R VISHAY-SI1046R Datasheet
110Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI1046R-T1-E3 VISHAY-SI1046R-T1-E3 Datasheet
110Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI1046R-T1-GE3 VISHAY-SI1046R-T1-GE3 Datasheet
110Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 07-Jul-08
More results

Podobny opis - SI1046X-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com