Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1304BDL-T1-E3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1304BDL-T1-E3
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1304BDL-T1-E3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1304BDL-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1304BDL-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1304BDL-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1304BDL-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1304BDL-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1304BDL-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1304BDL-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si1304BDL
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73480
S–52057—Rev. B, 03–Oct–05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 mA
30
V
VDS Temperature Coefficient
DVDS/TJ
I = 250
mA
27.3
mV/
_C
VGS(th) Temperature Coefficient
DVGS(th)/TJ
ID = 250 mA
3
mV/
_C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
I
VDS = 30 V, VGS = 0 V
1
A
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 70_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
4
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 0.9
0.216
0.270
W
Drain-Source On-State Resistancea
rDS(on)
VGS =2.5 V, ID = 0.75
0.308
0.385
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 0.9
2
S
Dynamicb
Input Capacitance
Ciss
100
Output Capacitance
Coss
VDS = 15 V, VGS = 0 V, f = 1 MHz
30
pF
Reverse Transfer Capacitance
Crss
20
p
Total Gate Charge
Q
VDS = 15 V, VGS = 4.5 V, ID = 0.9
1.8
2.7
Total Gate Charge
Qg
1.1
1.7
nC
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 2.5 V, ID= 0.9
0.4
nC
Gate-Drain Charge
Qgd
0.6
Gate Resistance
Rg
f = 1 MHz
1.5
2.3
W
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD = 15 V, RL = 22 W
30
45
ns
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 22 W
ID ^ 0.68 A, VGEN = 4.5 V, Rg = 1 W
5
25
ns
Fall Time
tf
g
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25_C
0.31
A
Pulse Diode Forward Currenta
ISM
4
A
Body Diode Voltage
VSD
IS = 0.28 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
I
0 28 A di/dt
100 A/
msT
25
_C
105
160
nC
Reverse Recovery Fall Time
ta
IF = 0.28 A, di/dt = 100 A/ms, TJ = 25_C
34
ns
Reverse Recovery Rise Time
tb
16
ns
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.


Podobny numer części - SI1304BDL-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1304BDL-T1-GE3 VISHAY-SI1304BDL-T1-GE3 Datasheet
112Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 22-Mar-10
logo
VBsemi Electronics Co.,...
SI1304BDL-T1-GE3 VBSEMI-SI1304BDL-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Podobny opis - SI1304BDL-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com