Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1406DH-T1-E3 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1406DH-T1-E3
Szczegółowy opis  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1406DH-T1-E3 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1406DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1406DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1406DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1406DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1406DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si1406DH
Vishay Siliconix
www.vishay.com
2
Document Number: 70684
S-50366—Rev. B, 28-Feb-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.45
1.2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 85_C
5
mA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
8
A
VGS = 4.5 V, ID = 3.9 A
0.053
0.065
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 3.6 A
0.062
0.075
W
Drain Source On State Resistance
rDS(on)
VGS = 1.8 V, ID = 2 A
0.079
0.096
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 3.9 A
11
S
Diode Forward Voltagea
VSD
IS = 1.4 A, VGS = 0 V
0.75
1.1
V
Dynamicb
Total Gate Charge
Qg
4.9
7.5
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 3.9 A
1.0
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
0.95
Turn-On Delay Time
td(on)
27
41
Rise Time
tr
VDD = 10 V, RL = 20 W
47
71
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 20 W
ID ^ 0.5 A, VGEN = 4.5 V, Rg = 6 W
54
81
ns
Fall Time
tf
g
29
44
ns
Source-Drain Reverse Recovery
trr
IF = 1.4 A. di/dt = 100/ms
35
60
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 5 thru 2 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V
1.5 V


Podobny numer części - SI1406DH-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1406DH VISHAY-SI1406DH Datasheet
47Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 13-Aug-01
SI1406DH VISHAY-SI1406DH Datasheet
231Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. C, 19-Apr-10
SI1406DH VISHAY-SI1406DH_10 Datasheet
231Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. C, 19-Apr-10
More results

Podobny opis - SI1406DH-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com