Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1411DH Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1411DH
Szczegółowy opis  P-Channel 150-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1411DH Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1411DH Datasheet HTML 1Page - Vishay Siliconix SI1411DH Datasheet HTML 2Page - Vishay Siliconix SI1411DH Datasheet HTML 3Page - Vishay Siliconix SI1411DH Datasheet HTML 4Page - Vishay Siliconix SI1411DH Datasheet HTML 5Page - Vishay Siliconix SI1411DH Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si1411DH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73242
S-50461—Rev. B, 14-Mar-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −100 mA
−2.5
−4.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −150 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −150 V, VGS = 0 V, TJ = 85_C
−5
mA
On-State Drain Currenta
ID(on)
VDS = −15 V, VGS = −10 V
−0.8
A
Drain Source On State Resistancea
rDS( )
VGS = −10 V, ID = −0.5 A
2.05
2.6
W
Drain-Source On-State Resistancea
rDS(on)
VGS = −6 V, ID = −0.5 A
2.14
2.7
W
Forward Transconductancea
gfs
VDS = −10 V, ID = −0.5 A
1.5
S
Diode Forward Voltagea
VSD
IS = −1.4 A, VGS = 0 V
−0.80
−1.1
V
Dynamicb
Total Gate Charge
Qg
4.2
6.3
Gate-Source Charge
Qgs
VDS = −75 V, VGS = −10 V, ID = −0.5 A
0.9
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
1.3
Gate Resistance
Rg
f = 1.0 MHz
8.5
W
Turn-On Delay Time
td(on)
4.5
7
Rise Time
tr
VDD = −75 V, RL = 75 W
11
17
Turn-Off Delay Time
td(off)
VDD = −75 V, RL = 75 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
9
14
ns
Fall Time
tf
g
11
17
ns
Reverse Recovery Time
trr
IF = 0 5 A di/dt = 100 A/ms
36
55
Body Diode Reverse Recovery Charge
Qrr
IF = −0.5 A, di/dt = 100 A/ms
65
100
nC
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1234
5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2468
10
VGS = 10 thru 5 V
25_C
TC = 125_C
−55_C
3 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
4 V


Podobny numer części - SI1411DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1411DH VISHAY-SI1411DH Datasheet
222Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-Dec-0
SI1411DH VISHAY-SI1411DH Datasheet
273Kb / 11P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI1411DH VISHAY-SI1411DH_06 Datasheet
222Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-Dec-0
SI1411DH VISHAY-SI1411DH_V01 Datasheet
273Kb / 11P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1411DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com