Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1869DH Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SI1869DH
Szczegółowy opis  Load Switch with Level-Shift
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1869DH Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SI1869DH Datasheet HTML 1Page - Vishay Siliconix SI1869DH Datasheet HTML 2Page - Vishay Siliconix SI1869DH Datasheet HTML 3Page - Vishay Siliconix SI1869DH Datasheet HTML 4Page - Vishay Siliconix SI1869DH Datasheet HTML 5Page - Vishay Siliconix SI1869DH Datasheet HTML 6Page - Vishay Siliconix SI1869DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 73449
S-61965-Rev. B, 09-Oct-06
www.vishay.com
5
Vishay Siliconix
Si1869DH
TYPICAL CHARACTERISTICS
25 °C, unless noted
Switching Variation
R2 at VIN = 1.8 V, R1 = 300 kΩ
0
50
100
150
200
0
204060
80100
R2 (k
Ω)
IL = 1 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
tf
td(off)
tr
td(on)
Normalized Thermal Transient Impedance, Junction-to-Ambient
10- 3
10- 2
0
0
6
0
1
1
10- 1
10- 4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =100 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Podobny numer części - SI1869DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1869DH VISHAY-SI1869DH Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI1869DH VISHAY-SI1869DH Datasheet
261Kb / 11P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1869DH-T1-E3 TECHPUBLIC-SI1869DH-T1-E3 Datasheet
2Mb / 5P
   Load Switch with Level-Shift
SI1869DH-T1-GE3 TECHPUBLIC-SI1869DH-T1-GE3 Datasheet
2Mb / 5P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
More results

Podobny opis - SI1869DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com