Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1563EDH-T1-E3 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SI1563EDH-T1-E3
Szczegółowy opis  Complementary 20-V (D-S) Low-Threshold MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563EDH-T1-E3 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SI1563EDH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 71416
S-80257-Rev. C, 04-Feb-08
www.vishay.com
3
Vishay Siliconix
Si1563EDH
New Product
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Gate-Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0
2
4
6
8
10
04
8
12
16
VGS - Gate-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
01234
VGS = 5 thru 2 V
1.5 V
VDS - Drain-to-Source Voltage (V)
1 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
VGS = 4.5 V
VGS = 2.5 V
ID - Drain Current (A)
VGS = 1.8 V
Gate-Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
0.001
100
10000
0.1
1
10
1000
VGS - Gate-to-Source Voltage (V)
0
39
12
15
TJ = 25 °C
TJ = 150 °C
0.01
6
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
25 °C
TC = - 55 °C
125 °C
VGS - Gate-to-Source Voltage (V)
0
20
40
60
80
100
120
140
04
8
12
16
20
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)


Podobny numer części - SI1563EDH-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI1563EDH-T1-GE3 VBSEMI-SI1563EDH-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results

Podobny opis - SI1563EDH-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH_10 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com