Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1902DL-T1-E3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI1902DL-T1-E3
Szczegółowy opis  Dual N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902DL-T1-E3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI1902DL-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1902DL-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1902DL-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1902DL-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1902DL-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1902DL-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si1902DL
Document Number: 71080
S-51415–Rev. H, 03-Apr-06
www.vishay.com
1
Dual N-Channel 20-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFETS: 2.5 V Rated
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
20
0.385 at VGS = 4.5 V
0.70
0.630 at VGS = 2.5 V
0.54
M a r k ing C od e
P A X
XX
Lo t T
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
Part # Code
Marking Code
PA
Lot Traceability
and Date Code
Ordering Information: Si1902DL-T1 (with Tape and Reel)
Si1902DL-T1-E3 (Lead (Pb)-free with Tape and Reel)
Notes
a. Surface Mounted on 1" x 1" FR4 Board.
* Pb containing terminations are not RoHS compliant, exemptions may apply
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
0.70
0.66
A
TA = 85 °C
0.50
0.48
Pulsed Drain Current
IDM
1.0
Continuous Source Current (Diode Conduction)a
IS
0.25
0.23
Maximum Power Dissipationa
TA = 25 °C
PD
0.30
0.27
W
TA = 85 °C
0.16
0.14
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 sec
RthJA
360
415
°C/W
Steady State
400
460
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
300
350
Available
Pb-free
RoHS*
COMPLIANT


Podobny numer części - SI1902DL-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1902DL-T1-GE3 VISHAY-SI1902DL-T1-GE3 Datasheet
237Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. J, 17-Oct-11
More results

Podobny opis - SI1902DL-T1-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com