Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1965DH Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI1965DH
Szczegółowy opis  Dual P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1965DH Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI1965DH Datasheet HTML 1Page - Vishay Siliconix SI1965DH Datasheet HTML 2Page - Vishay Siliconix SI1965DH Datasheet HTML 3Page - Vishay Siliconix SI1965DH Datasheet HTML 4Page - Vishay Siliconix SI1965DH Datasheet HTML 5Page - Vishay Siliconix SI1965DH Datasheet HTML 6Page - Vishay Siliconix SI1965DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1965DH
Document Number: 68765
S-81725-Rev. A, 04-Aug-08
www.vishay.com
1
New Product
Dual P-Channel 12-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
APPLICATIONS
Load Switch for Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ.)
- 12
0.390 at VGS = - 4.5 V
- 1.3a
1.7 nC
0.535 at VGS = - 2.5 V
- 1.2
0.710 at VGS = - 1.8 V
- 1.1
Marking Code
DE
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
D2
S2
G2
D1
S1
G1
Ordering Information: Si1965DH-T1-E3 (Lead (Pb)-free)
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 220 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 1.3a
A
TC = 70 °C
- 1.2
TA = 25 °C
- 1.14b, c
TA = 70 °C
- 0.9b, c
Pulsed Drain Current
IDM
- 3
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 1
TA = 25 °C
- 0.6b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.25
W
TC = 70 °C
0.8
TA = 25 °C
0.74b, c
TA = 70 °C
0.47b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
130
170
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
80
100
RoHS
COMPLIANT


Podobny numer części - SI1965DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI1965DH-T1-GE3 VBSEMI-SI1965DH-T1-GE3 Datasheet
1,019Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1965DH VISHAY-SI1965DH_V01 Datasheet
263Kb / 12P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI1965DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM6923P ANALOGPOWER-AM6923P Datasheet
186Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4933DY VISHAY-SI4933DY Datasheet
44Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. B, 25-Nov-02
SI1917EDH VISHAY-SI1917EDH_V01 Datasheet
119Kb / 6P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI4933DY VISHAY-SI4933DY_V01 Datasheet
110Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN_V01 Datasheet
91Kb / 6P
   Dual P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA975DJ VISHAY-SIA975DJ_V01 Datasheet
356Kb / 9P
   Dual P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7909DN VISHAY-SI7909DN Datasheet
185Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. C, 27-Jun-05
SI6913DQ-T1-E3 VISHAY-SI6913DQ-T1-E3 Datasheet
222Kb / 11P
   Dual P-Channel 12 V (D-S) MOSFET
Rev. C, 11-Jun-12
SI6913DQ VISHAY-SI6913DQ Datasheet
79Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI5943DU VISHAY-SI5943DU Datasheet
272Kb / 3P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. A, 24-Jul-06
SI3973DV VISHAY-SI3973DV Datasheet
55Kb / 5P
   Dual P-Channel 12-V (D-S) MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com