Zakładka z wyszukiwarką danych komponentów |
|
CS20118D0S106S5E Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
CS20118D0S106S5E Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 3 page Document Number: 31522 For technical questions, contact: ff2aresistors@vishay.com www.vishay.com Revision: 07-Aug-08 2 CS201 Capacitor Networks, Single-In-Line, Conformal Coated SIP, "D" Profile Vishay Dale DIMENSIONS in inches [millimeters] Pin #1 is extreme left-hand terminal on side with marking. NUMBER OF PINS L MAXIMUM NUMBER OF PINS L MAXIMUM NUMBER OF PINS L MAXIMUM 4 pin 0.400 [10.16] 9 pin 0.900 [22.86] 14 pin 1.400 [35.56] 5 pin 0.500 [12.70] 10 pin 1.000 [25.40] 15 pin 1.500 [38.10] 6 pin 0.600 [15.24] 11 pin 1.100 [27.94] 16 pin 1.600 [40.64] 7 pin 0.700 [17.78] 12 pin 1.200 [30.48] 17 pin 1.700 [43.18] 8 pin 0.800 [20.32] 13 pin 1.300 [33.02] 18 pin 1.800 [45.72] SCHEMATICS 0.100 ± 0.005 [2.54 ± 0.127] Non-Cumulative at Point of Egress 0.020 [0.508] 0.050 [1.27] 0.300 [7.62] L Max. 0.085 [2.160] Typ. 0.135 [3.43] Max. 0.050 [1.27] Typ. 0.010 [0.254] 0.135 + 0.015 - 0.010 [3.43 + 0.381 - 0.254] Seating Plane for 0.040 [1.016] Ø Hole 0 .007 [0.178] Ref. 1 2 3 4 5 6 n-1 n Schematic 1 Common Bus - 1 Ground Lead Schematic 3 1 2 3 4 5 6 7 8 n-1 n Isolated Capacitor Sections Schematic 4 1 2 3 4 n-1 n Common Bus - 2 Ground Leads |
Podobny numer części - CS20118D0S106S5E |
|
Podobny opis - CS20118D0S106S5E |