Zakładka z wyszukiwarką danych komponentów |
|
TP3B105 Arkusz danych(PDF) 3 Page - Vishay Siliconix |
|
TP3B105 Arkusz danych(HTML) 3 Page - Vishay Siliconix |
3 / 12 page TP3 Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance Vishay Sprague Document Number: 40116 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 04-Jun-08 55 MARKING “A” CASE VOLTAGE CODE 4.0 G 6.3 J 10 A 16 C 20 D 25 E 35 V 50 T Marking: Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” Case capacitors use a letter code for the voltage and EIA capacitance code. The Vishay Sprague® trademark is included if space permits. Capacitors rated at 6.3 V are marked 6 V. A manufacturing date code is marked on all capacitors. Call the factory for further explanation. Capacitance Code, pF Indicates High Performance Polarity Band (+) Voltage Code V 104P A Case Date Code Vishay Sprague Logo Indicates High Performance Voltage Capacitance µF Polarity Band (+) 22 P10 XX 2 B, C, D, E Cases RATINGS AND PART NUMBER REFERENCE CAPACITANCE (µF) CASE CODE PART NUMBER MAX. DC LEAKAGE AT + 25 °C (µA) MAX. DF AT + 25 °C (%) MAX. ESR AT + 25 °C 100 kHz ( Ω) MAX. RIPPLE 100 kHz Irms (A) 4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C 33 C TP3C336(1)004(2)1800AS 1.3 6 1.800 0.25 33 C TP3C336(1)004(2)0500AS 1.3 6 0.500 0.47 6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C 2.2 A TP3A225(1)6R3(2)7600AS 0.5 6 7.600 0.10 2.2 A TP3A225(1)6R3(2)6000AS 0.5 6 6.000 0.11 3.3 A TP3A335(1)6R3(2)6300AS 0.5 6 6.300 0.11 3.3 A TP3A335(1)6R3(2)5000AS 0.5 6 5.000 0.12 4.7 A TP3A475(1)6R3(2)5500AS 0.5 6 5.500 0.12 4.7 A TP3A475(1)6R3(2)3500AS 0.5 6 3.500 0.15 6.8 A TP3A685(1)6R3(2)5000AS 0.5 6 5.000 0.12 10 A TP3A106(1)6R3(2)3400AS 0.6 6 3.400 0.15 10 A TP3A106(1)6R3(2)2000AS 0.6 6 2.000 0.19 10 B TP3B106(1)6R3(2)2900AS 0.6 6 2.900 0.17 10 B TP3B106(1)6R3(2)1000AS 0.6 6 1.000 0.29 15 A TP3A156(1)6R3(2)2900AS 0.9 6 2.900 0.16 15 A TP3A156(1)6R3(2)2000AS 0.9 6 2.000 0.19 15 B TP3B156(1)6R3(2)2500AS 0.9 6 2.500 0.18 22 A TP3A226(1)6R3(2)2900AS 1.3 6 2.900 0.16 22 A TP3A226(1)6R3(2)2000AS 1.3 6 2.000 0.19 22 B TP3B226(1)6R3(2)2000AS 1.3 6 2.000 0.21 22 B TP3B226(1)6R3(2)0600AS 1.3 6 0.600 0.38 22 C TP3C226(1)6R3(2)1800AS 1.3 6 1.800 0.25 22 C TP3C226(1)6R3(2)0500AS 1.3 6 0.500 0.47 33 A TP3A336(1)6R3(2)2500AS 2.0 14 2.500 0.17 33 A TP3A336(1)6R3(2)0800AS 2.0 14 0.800 0.31 33 B TP3B336(1)6R3(2)1900AS 2.0 6 1.900 0.21 33 B TP3B336(1)6R3(2)0600AS 2.0 6 0.600 0.38 33 C TP3C336(1)6R3(2)1500AS 2.0 6 1.500 0.27 Notes • (1) Tolerance: K, M • (2) Terminations and Packaging: C, D, E, F |
Podobny numer części - TP3B105 |
|
Podobny opis - TP3B105 |