Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST303C12CHK1-P Arkusz danych(PDF) 9 Page - Vishay Siliconix

Numer części ST303C12CHK1-P
Szczegółowy opis  Inverter Grade Thyristors (PUK Version), 620 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST303C12CHK1-P Arkusz danych(HTML) 9 Page - Vishay Siliconix

  ST303C12CHK1-P Datasheet HTML 1Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 2Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 3Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 4Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 5Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 6Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 7Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 8Page - Vishay Siliconix ST303C12CHK1-P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Podobny numer części - ST303C12CHK1-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ST303C12LHK1-P VISHAY-ST303C12LHK1-P Datasheet
339Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 515 A
Revision: 25-Jul-08
More results

Podobny opis - ST303C12CHK1-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-ST303C VISHAY-VS-ST303C Datasheet
318Kb / 10P
   Inverter Grade Thyristors (PUK Version), 620 A
Revision: 20-Dec-13
VS-ST303C VISHAY-VS-ST303C_V01 Datasheet
347Kb / 10P
   Inverter Grade Thyristors (PUK Version), 620 A
01-Jan-2022
logo
International Rectifier
ST303C1111 IRF-ST303C1111 Datasheet
468Kb / 10P
   INVERTER GRADE THYRISTORS Puk Version
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
logo
International Rectifier
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com