Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST223C08CHK0L Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części ST223C08CHK0L
Szczegółowy opis  Inverter Grade Thyristors (Hockey PUK Version), 390 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST223C08CHK0L Arkusz danych(HTML) 2 Page - Vishay Siliconix

  ST223C08CHK0L Datasheet HTML 1Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 2Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 3Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 4Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 5Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 6Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 7Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 8Page - Vishay Siliconix ST223C08CHK0L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93672
2
Revision: 14-May-08
ST223C..C Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 390 A
CURRENT CARRYING CAPABILITY
FREQUENCY
UNITS
50 Hz
930
800
1430
1220
5870
5240
A
400 Hz
910
770
1490
1300
3120
2740
1000 Hz
780
650
1430
1260
1880
1640
2500 Hz
490
400
1070
920
1000
860
Recovery voltage Vr
50
50
50
V
Voltage before turn-on Vd
VDRM
VDRM
VDRM
Rise of on-state current dI/dt
50
-
-
A/µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
47/0.22
47/0.22
47/0.22
Ω/µF
ON-STATE CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
Double side (single side) cooled
390 (150)
A
55 (85)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
745
A
Maximum peak, one half cycle,
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
5850
t = 8.3 ms
6130
t = 10 ms
100 % VRRM
reapplied
4920
t = 8.3 ms
5150
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
171
kA2s
t = 8.3 ms
156
t = 10 ms
100 % VRRM
reapplied
121
t = 8.3 ms
110
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1710
kA2
√s
Maximum peak on-state voltage
VTM
ITM = 600 A, TJ = TJ maximum, tp = 10 ms sine wave pulse
1.58
V
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
1.05
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
1.09
Low level value of forward slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.88
m
Ω
High level value of forward slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
0.82
Maximum holding current
IH
TJ = 25 °C, IT > 30 A
600
mA
Typical latching current
IL
TJ = 25 °C, VA = 12 V, Ra = 6 Ω, IG = 1 A
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
MIN.
MAX.
Maximum non-repetitive rate
of rise of turned on current
dI/dt
TJ = TJ maximum, VDRM = Rated VDRM, ITM = 2 x dI/dt
1000
A/µs
Typical delay time
td
TJ = 25 °C, VDM = Rated VDRM, ITM = 50 A DC, tp = 1 µs
Resistive load, gate pulse: 10 V, 5
Ω source
0.78
µs
Maximum turn-off time
tq
TJ = TJ maximum,
ITM = 300 A, commutating dI/dt = 20 A/µs
VR = 50 V, tp = 500 µs, dV/dt: See table in device code
10
30
180° el
I
TM
180° el
I
TM
100 µs
I
TM


Podobny numer części - ST223C08CHK0L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results

Podobny opis - ST223C08CHK0L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-ST223CC VISHAY-VS-ST223CC Datasheet
293Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
Revision: 13-Sep-17
VS-ST223CC VISHAY-VS-ST223CC_V01 Datasheet
291Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
01-Jan-2022
VS-ST223C..C VISHAY-VS-ST223C..C Datasheet
290Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 390 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com