Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD-700-KAC-GAB-77.760 Arkusz danych(PDF) 4 Page - Vectron International, Inc

Numer części CD-700-KAC-GAB-77.760
Szczegółowy opis  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-KAC-GAB-77.760 Arkusz danych(HTML) 4 Page - Vectron International, Inc

  CD-700-KAC-GAB-77.760 Datasheet HTML 1Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 2Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 3Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 4Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 5Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-KAC-GAB-77.760 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 4 of 14
Rev : 06Apr08
CD-700 Theory of Operation
Phase Detector
The phase detector has two buffered inputs (DATAIN and CLKIN) which are designed to switch at
1.4 volts. DATAIN is designed to accept an NRZ data stream but may also be used for clock signals
which have a 50% duty cycle. CLKIN is connected to OUT1 or OUT2, or a divided version of one of these
outputs. CLKIN and DATAIN and are protected by ESD diodes and should not exceed the power supply
voltage or ground by more than a few hundred millivolts.
The phase detector is basically a latched flip flop/exclusive-or gate/differential amplifier filter design to
produce a DC signal proportional to the phase between the CLKIN and DATAIN signals (see Figure 4 for
a block diagram and Figure 5 for an open loop transfer curve). This will simplify the PLL design as the
designer does not have to filter narrow pulse signals to a DC level. Under locked conditions the rising
edge of CLKIN will be centered in the middle of the DATAIN signal (see Figure 6).
The phase detector gain is 0.53V/rad x data density for 5volt operation and 0.35V/rad x data density for
3.3 volt operation. Data density is equal to 1.0 for clock signals and is system dependent on coding and
design for NRZ signals, but 0.25 could be used as a starting point for data density.
The phase detector output is a DC signal for DATAIN frequencies greater than 1 MHz but produces
significant ripple when inputs are less than 200 kHz. Additional filtering is required for lower input
frequencies applications such as 8kHz (see Figures 8 and 9 as examples).
Under closed loop conditions the active filter has a blocking capacitor which provides a very high DC
gain, so under normal locked conditions and input frequencies >1 MHz, PHO will be about VDD/2 and will
not vary significantly with changes in input frequency (within lock range). The control voltage (pin 16) will
vary according to the input frequency offset, but PHO will remain relatively constant.
D
Q1
Q2
D
Gain = 2 / 3
Gain = VDD / 2π
30 k
Ω
20 k
Ω
PHO
(pin 3)
Clock In
(pin 6)
Data In
(pin 5)
Figure 4. Simplified Phase Detector Block Diagram


Podobny numer części - CD-700-KAC-GAB-77.760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Podobny opis - CD-700-KAC-GAB-77.760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com