Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7190 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7190
Szczegółowy opis  4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7190 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7190_08 Datasheet HTML 2Page - Analog Devices AD7190_08 Datasheet HTML 3Page - Analog Devices AD7190_08 Datasheet HTML 4Page - Analog Devices AD7190_08 Datasheet HTML 5Page - Analog Devices AD7190_08 Datasheet HTML 6Page - Analog Devices AD7190_08 Datasheet HTML 7Page - Analog Devices AD7190_08 Datasheet HTML 8Page - Analog Devices AD7190_08 Datasheet HTML 9Page - Analog Devices AD7190_08 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
AD7190
Rev. 0 | Page 6 of 40
Parameter
AD7190B
Unit
Test Conditions/Comments1
POWER REQUIREMENTS6
Power Supply Voltage
AVDD − AGND
4.75/5.25
V min/max
DVDD − DGND
2.7/5.25
V min/max
Power Supply Currents
AIDD Current
1
mA max
0.85 mA typical, gain = 1, buffer off.
1.3
mA max
1.1 mA typical, gain = 1, buffer on.
4.5
mA max
3.5 mA typical, gain = 8, buffer off.
4.75
mA max
4 mA typical, gain = 8, buffer on.
6.2
mA max
5 mA typical, gain = 16 to 128, buffer off.
6.75
mA max
5.5 mA typical, gain = 16 to 128, buffer on.
DIDD Current
0.4
mA max
0.35 mA typical, DVDD = 3 V.
0.6
mA max
0.5 mA typical, DVDD = 5 V.
1.5
mA typ
External crystal used.
IDD (Power-Down Mode)
2
μA max
1 Temperature range: −40°C to +105°C.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed gain and output data rate selected. A system full-
scale calibration reduces the gain error to the order of the noise for the programmed gain and output data rate.
4 Full-scale error applies to both positive and negative full scale and applies at the factory calibration conditions (AVDD = 5 V, gain = 1, TA = 25
°C).
5 REJ60 is a bit in the mode register. When the output data rate is set to 50 Hz, setting REJ60 to 1 places a notch at 60 Hz, allowing simultaneous 50 Hz/60 Hz rejection.
6 Digital inputs equal to DVDD or GND.


Podobny numer części - AD7190_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7190BRUZ AD-AD7190BRUZ Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190WBRUZ AD-AD7190WBRUZ Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190WBRUZ-RL AD-AD7190WBRUZ-RL Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
More results

Podobny opis - AD7190_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com