Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7156BCPZ-REEL7 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7156BCPZ-REEL7
Szczegółowy opis  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7156BCPZ-REEL7 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7156BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 14Page - Analog Devices AD7156BCPZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7156
Rev. 0 | Page 11 of 28
THEORY OF OPERATION
DIGITAL
FILTER
POWER-DOWN
TIMER
CLOCK
GENERATOR
SERIAL
INTERFACE
CIN1
CX1
CX2
EXC1
Σ-Δ CDC
CIN2
EXC2
MUX
EXCITATION
CAPDAC
THRESHOLD
THRESHOLD
SCL
VDD
GND
AD7156
SDA
PROGRAMMING
INTERFACE
DIGITAL
OUTPUTS
OUT1
OUT2
3.3V
Figure 22. AD7156 Block Diagram
The AD7156 core is a high performance capacitance-to-digital
converter (CDC) that allows the part to be interfaced directly
to a capacitive sensor.
The comparators compare the CDC results with thresholds, either
fixed or dynamically adjusted by the on-chip adaptive threshold
algorithm engine. Thus, the outputs indicate a defined change in
the input sensor capacitance.
The AD7156 also integrates an excitation source, CAPDAC
for the capacitive inputs, an input multiplexer, a complete clock
generator, a power-down timer, a power supply monitor, control
logic, and an I2C®-compatible serial interface for configuring the
part and accessing the internal CDC data and status, if required
in the system (see Figure 22).
CAPACITANCE-TO-DIGITAL CONVERTER
Figure 23 shows the CDC simplified functional diagram. The
converter consists of a second-order Σ-Δ charge balancing
modulator and a third-order digital filter. The measured
capacitance CX is connected between an excitation source
and the Σ-Δ modulator input. The excitation signal is applied
on the CX capacitor during the conversion, and the modulator
continuously samples the charge going through the CX. The
digital filter processes the modulator output, which is a stream
of 0s and 1s containing the information in 0 and 1 density. The
data is processed by the adaptive threshold engine and output
comparators; the data can also be read through the serial interface.
The AD7156 is designed for floating capacitive sensors.
Therefore, both CX plates have to be isolated from ground
or any other fixed potential node in the system.
The AD7156 features slew rate limiting on the excitation voltage
output, which decreases the energy of higher harmonics on the
excitation signal and dramatically improves the system electro-
magnetic compatibility (EMC).
DIGITAL
FILTER
0x0000 TO 0xFFF0
DATA
CLOCK
GENERATOR
CAPACITANCE-TO-DIGITAL CONVERTER
(CDC)
CIN
CX
0pF TO 4pF
EXC
EXCITATION
Σ-Δ
MODULATOR
Figure 23. CDC Simplified Block Diagram
CAPDAC
The AD7156 CDC core maximum full-scale input range is 0 pF
to 4 pF. However, the part can accept a higher input capacitance,
caused, for example, by a nonchanging offset capacitance of up to
10 pF. This offset capacitance can be compensated for by using
the programmable on-chip CAPDAC.
0x0000 TO 0xFFF0
DATA
CIN
EXC
CAPDAC
10pF
0pF TO 4pF
CX
10pF TO 14pF
Figure 24. Using a CAPDAC
The CAPDAC can be understood as a negative capacitance
connected internally to a CIN pin. The CAPDAC has a 6-bit
resolution and a monotonic transfer function. Figure 24 shows
how to use the CAPDAC to shift the CDC 0 pF to 4 pF input
range to measure capacitance between 10 pF and 14 pF.


Podobny numer części - AD7156BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
More results

Podobny opis - AD7156BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
   5.3 mm 횞 1.8 mm
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62901 TI-TPS62901 Datasheet
6Mb / 50P
[Old version datasheet]   TPS62901, 3-V to 17-V, High Efficiency and Low IQ Buck Converter in 1.5-mm 횞 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com