Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7190BRUZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7190BRUZ
Szczegółowy opis  4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7190BRUZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD7190BRUZ Datasheet HTML 1Page - Analog Devices AD7190BRUZ Datasheet HTML 2Page - Analog Devices AD7190BRUZ Datasheet HTML 3Page - Analog Devices AD7190BRUZ Datasheet HTML 4Page - Analog Devices AD7190BRUZ Datasheet HTML 5Page - Analog Devices AD7190BRUZ Datasheet HTML 6Page - Analog Devices AD7190BRUZ Datasheet HTML 7Page - Analog Devices AD7190BRUZ Datasheet HTML 8Page - Analog Devices AD7190BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD7190
Rev. 0 | Page 5 of 40
Parameter
AD7190B
Unit
Test Conditions/Comments1
Normal Mode Rejection2
Same as for analog inputs
Common-Mode Rejection
100
dB typ
Reference Detect Levels
0.3
V min
0.6
V max
TEMPERATURE SENSOR
Accuracy
±2
°C typ
Applies after user calibration at one
temperature.
Sensitivity
2815
Codes/°C typ
Bipolar mode.
BRIDGE POWER-DOWN SWITCH
RON
10
Ω max
Allowable Current2
30
mA max
Continuous current.
BURNOUT CURRENTS
AIN Current
500
nA nom
Analog inputs must be buffered and chop
disabled.
DIGITAL OUTPUTS (P0 to P3)
Output High Voltage, VOH2
4
V min
AVDD = 5V, ISOURCE = 200 μA.
Output Low Voltage, VOL2
0.4
V max
AVDD = 5V, ISINK = 800 μA.
Floating-State Leakage Current
±100
nA max
Floating-State Output
Capacitance
10
pF typ
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
4.92 ± 4%
MHz min/max
Duty Cycle
50:50
% typ
External Clock/Crystal2
Frequency
4.9152
MHz nom
2.4576/5.12
MHz min/max
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V.
0.4
V max
DVDD = 3 V.
Input High Voltage, VINH
2.5
V min
DVDD = 3 V.
3.5
V min
DVDD = 5 V.
Input Current
±10
μA max
LOGIC INPUTS
Input High Voltage, VINH2
2
V min
Input Low Voltage, VINL2
0.8
V max
Hysteresis2
0.1/0.25
V min/V max
Input Currents
±10
μA max
LOGIC OUTPUT (DOUT/RDY)
Output High Voltage, VOH2
DVDD − 0.6
V min
DVDD = 3 V, ISOURCE = 100 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 3 V, ISINK = 100 μA.
Output High Voltage, VOH2
4
V min
DVDD = 5 V, ISOURCE = 200 μA.
Output Low Voltage, VOL2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA.
Floating-State Leakage Current
±10
μA max
Floating-State Output
Capacitance
10
pF typ
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V max
Zero-Scale Calibration Limit
−1.05 × FS
V min
Input Span
0.8 × FS
V min
2.1 × FS
V max


Podobny numer części - AD7190BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7190BRUZ AD-AD7190BRUZ Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
More results

Podobny opis - AD7190BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com