Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADE8052Z-EMUL1 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADE8052Z-EMUL1
Szczegółowy opis  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-EMUL1 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADE8052Z-EMUL1 Datasheet HTML 2Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 3Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 4Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 5Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 6Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 7Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 8Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 9Page - Analog Devices ADE8052Z-EMUL1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 6 of 148
ANALOG PERIPHERALS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INTERNAL ADCs (BATTERY, TEMPERATURE, VDCIN)
Power Supply Operating Range
2.4
3.7
V
Measured on VSWOUT
No Missing Codes1
8
Bits
Conversion Delay2
38
μs
ADC Gain
VDCIN Measurement
15.3
mV/LSB
VBAT Measurement
14.6
mV/LSB
Temperature Measurement
0.83
°C/LSB
ADC Offset
VDCIN Measurement at 3 V
200
LSB
VBAT Measurement at 3.7 V
246
LSB
Temperature Measurement at 25°C
123
LSB
VDCIN Analog Input
Maximum Signal Levels
0
3.3
V
Input Impedance (DC)
1
Low VDCIN Detection Threshold
1.09
1.2
1.27
V
POWER-ON RESET (POR)
VDD POR
Detection Threshold
2.5
2.95
V
POR Active Timeout Period
33
ms
VSWOUT POR
Detection Threshold
1.8
2.2
V
POR Active Timeout Period
20
ms
VINTD POR
Detection Threshold
2.0
2.25
V
POR Active Timeout Period
16
ms
VINTA POR
Detection Threshold
2.0
2.25
V
POR Active Timeout Period
120
ms
BATTERY SWITCH OVER
Voltage Operating Range (VSWOUT)
2.4
3.7
V
VDD to VBAT Switching
Switching Threshold (VDD)
2.5
2.95
V
Switching Delay
10
ns
When VDD to VBAT switch activated by VDD
30
ms
When VDD to VBAT switch activated by VDCIN
VBAT to VDD Switching
Switching Threshold (VDD)
2.5
2.95
V
Switching Delay
30
ms
Based on VDD > 2.75 V
VSWOUT To VBAT Leakage Current
10
nA
VBAT = 0 V, VSWOUT = 3.43 V, TA = 25°C
LCD, CHARGE PUMP ACTIVE
Charge Pump Capacitance Between
LCDVP1 and LCDVP2
100
nF
LCDVA, LCDVB, LCDVC Decoupling Capacitance
470
nF
LCDVA
0
1.9
V
LCDVB
0
3.8
V
1/3 bias mode
LCDVC
0
5.8
V
1/3 bias mode
V1 Segment Line Voltage
LCDVA − 0.1
LCDVA
V
Current on segment line = −2 μA
V2 Segment Line Voltage
LCDVB − 0.1
LCDVB
V
Current on segment line = −2 μA
V3 Segment Line Voltage
LCDVC − 0.1
LCDVC
V
Current on segment line = −2 μA
DC Voltage Across Segment and COMx Pin
50
mV
LCDVC − LCDVB, LCDVC − LCDVA, or
LCDVB − LCDVA


Podobny numer części - ADE8052Z-EMUL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADE8052Z-EMUL1 AD-ADE8052Z-EMUL1 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE8052Z-EMUL1 AD-ADE8052Z-EMUL1 Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results

Podobny opis - ADE8052Z-EMUL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrD 09/06
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7566 AD-ADE7566_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7569 AD-ADE7569_15 Datasheet
2Mb / 152P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com