Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC34674 Arkusz danych(PDF) 8 Page - Freescale Semiconductor, Inc

Numer części MC34674
Szczegółowy opis  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674 Arkusz danych(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34674 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34674 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34674
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions VIN = 5.0 V, -40°C ≤ TA ≤ 85°C, CIN = COUT = 1.0 μF (see Figure 1), unless otherwise
noted. Typical values noted reflect the approximate parameter means at VIN = 5.0 V and TA = 25°C under nominal conditions,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
END OF CHARGE
EOC Filtering Time(12)
tEOC
500
-
1000
ms
OSCILLATOR
Oscillator Frequency
fOSC
40.0
50.0
60.0
kHz
INTERNAL TIMER
Safety Timer for Fast Charge Mode
tFCM
3.68
4.6
5.52
Hour
Safety Timer for Trickle Charge Mode
tTCM
0.46
0.575
0.69
Hour
ENABLE VERIFICATION
Enable Verification Time
tEV
-
100
-
ms
BATTERY CONNECTION VERIFICATION
Discharge Time in Charge Completion State(12)
tDCCC
-
82
-
ms
Discharge Repeating Time(12)
tDR
-
1968
-
ms
Notes
12.
Not tested. Guaranteed by design.


Podobny numer części - MC34674

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674A FREESCALE-MC34674A Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674B FREESCALE-MC34674B Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674C FREESCALE-MC34674C Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34674D FREESCALE-MC34674D Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
More results

Podobny opis - MC34674

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com