Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2100P1YZHT Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2100P1YZHT
Szczegółowy opis  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1YZHT Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA2100P1YZHT Datasheet HTML 3Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 4Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 5Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 6Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 7Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 8Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 9Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 10Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
VO − OutputVoltage − Vrms
0
1
2
3
4
5
6
7
8
0.01
0.1
100
10
1
VDD =3.6V
VDD =2.5V
VDD =5.5V
Frequency=1kHz
f − Frequency − Hz
20
100
1k
10k
0.01
1
10
20k
0.1
VDD =2.5V
VO =6Vrms
VO =2Vrms
VO =4Vrms
f − Frequency − Hz
20
100
1k
10k
0.01
1
10
20k
0.1
VDD =3.6V
VO =2Vrms
VO =4Vrms
VO =6Vrms
f − Frequency − Hz
20
100
1k
10k
0.01
1
10
20k
0.1
VDD =5.5V
VO =2Vrms
VO =4Vrms
VO =6Vrms
TPA2100P1
www.ti.com ........................................................................................................................................................................................... SLOS595 – DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VDD = 3.6 V, Gain = 12 dB, CIN = 1 µF, LBOOST = 4.7 µH, CBOOST = 10 µF, SD = SDa = 3.6 V,
Load = 10
Ω + 1
µF + 22 µH (unless otherwise noted)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT VOLTAGE
FREQUENCY
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2100P1


Podobny numer części - TPA2100P1YZHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Podobny opis - TPA2100P1YZHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com