Zakładka z wyszukiwarką danych komponentów |
|
TS954 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
TS954 Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 13 page ELECTRICAL CHARACTERISTICS VCC = +5V,VDD = 0V,Tamb =25 oC (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit Vio Input Offset Voltage Tmin. ≤ Tamb ≤ Tmax. 6 8 mV DVio Input Offset Voltage Drift 2 µV/oC Iio Input Offset Current Tmin. ≤ Tamb ≤ Tmax. 130 80 nA Iib Input Bias Current Vicm = 1.5V Tmin. ≤ Tamb ≤ Tmax. 35 100 200 nA Vicm Common Mode Input Voltage Range VDD - 0.2 to VCC + 0.2 V CMR Common Mode Rejection Ratio 50 80 dB SVR Supply Voltage Rejection Ratio VCC = 2.7V to 3.3V 60 80 dB Avd Large Signal Voltage Gain Vo = 2Vpk-pk RL = 600 Ω 86 dB VOH High Level Output Voltage RL = 600 Ω 4.7 4.8 V VOL Low Level Output Voltage RL = 600 Ω 80 300 mV Isc Output Short Circuit Current 10 mA ICC Supply Current (per amplifer) No load, Vo =VCC/2 0.95 1.4 mA GBP Gain Bandwidth Product RL =2k Ω 3 MHz SR Slew Rate 1 V/ µs ∅m Phase Margin at Unity Gain RL = 600 Ω,CL = 100pF 60 Degrees Gm Gain Margin RL = 600 Ω,CL = 100pF 10 dB en Equivalent Input Noise Voltage f = 1kHz 25 nV √ Hz THD Total Harmonic Distortion Vo = 4Vpk-pk, f = 10kHz, AV =2, RL = 10k Ω 0.01 % TS951-TS952-TS954 4/13 |
Podobny numer części - TS954 |
|
Podobny opis - TS954 |