Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT89S52-24PU Arkusz danych(PDF) 23 Page - ATMEL Corporation

Numer części AT89S52-24PU
Szczegółowy opis  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24PU Arkusz danych(HTML) 23 Page - ATMEL Corporation

Back Button AT89S52-24PU Datasheet HTML 19Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 20Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 21Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 22Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 23Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 24Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 25Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 26Page - ATMEL Corporation AT89S52-24PU Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
1919D–MICRO–6/08
AT89S52
22. Programming Interface – Parallel Mode
Every code byte in the Flash array can be programmed by using the appropriate combination of
control signals. The write operation cycle is self-timed and once initiated, will automatically time
itself to completion.
Most major worldwide programming vendors offer support for the Atmel AT89 microcontroller
series. Please contact your local programming vendor for the appropriate software revision.
Notes:
1. Each PROG pulse is 200 ns - 500 ns for Chip Erase.
2. Each PROG pulse is 200 ns - 500 ns for Write Code Data.
3. Each PROG pulse is 200 ns - 500 ns for Write Lock Bits.
4. RDY/BSY signal is output on P3.0 during programming.
5. X = don’t care.
Table 22-1.
Flash Programming Modes
Mode
V
CC
RST
PSEN
ALE/
PROG
EA/
V
PP
P2.6
P2.7
P3.3
P3.6
P3.7
P0.7-0
Data
P2.4-0
P1.7-0
Address
Write Code Data
5V
H
L
(2)
12V
L
HHHH
D
IN
A12-8
A7-0
Read Code Data
5V
H
L
H
H
L
L
L
H
H
D
OUT
A12-8
A7-0
Write Lock Bit 1
5V
H
L
(3)
12V
HHHHH
X
X
X
Write Lock Bit 2
5V
H
L
(3)
12V
H
H
H
L
L
X
X
X
Write Lock Bit 3
5V
H
L
(3)
12V
H
L
H
H
L
X
X
X
Read Lock Bits
1, 2, 3
5V
H
L
H
H
H
H
L
H
L
P0.2,
P0.3,
P0.4
XX
Chip Erase
5V
H
L
(1)
12V
HLHL
L
X
X
X
Read Atmel ID
5V
H
L
H
H
LLLLL
1EH
X 0000
00H
Read Device ID
5V
H
L
H
H
LLLLL
52H
X 0001
00H
Read Device ID
5V
H
L
H
H
LLLLL
06H
X 0010
00H


Podobny numer części - AT89S52-24PU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT89S52-24PU ATMEL-AT89S52-24PU Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Podobny opis - AT89S52-24PU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com