Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2722DH-T Arkusz danych(PDF) 7 Page - Micro Linear Corporation

Numer części ML2722DH-T
Szczegółowy opis  900MHz Low-IF 1.5Mbps FSK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRO-LINEAR [Micro Linear Corporation]
Strona internetowa  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722DH-T Arkusz danych(HTML) 7 Page - Micro Linear Corporation

Back Button ML2722DH-T Datasheet HTML 3Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 4Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 5Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 6Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 7Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 8Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 9Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 10Page - Micro Linear Corporation ML2722DH-T Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ML2722
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005 7
PIN DESCRIPTIONS
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
POWER & GROUND
8
VSS
I (Digital)
Ground for digital I/O circuits and control
logic.
10
RVCC1
O (Analog)
DC power supply decoupling point for the
PLL dividers, phase detector, and charge
pump. This pin is connected to the output
of the regulator and to the PLL supplies.
There must be a capacitor to ground
from this pin to decouple (bypass) noise
and to stabilize the regulator.
12
GND
I (Analog)
Ground for the PLL dividers, phase
detector, and charge pump.
13
VCC2
I (Analog)
DC Power Supply Input to the VCO
voltage regulator. Must be connected to
RVCC6 (pin 27) or RVCC7 (pin 29) via
decoupling network.
14
RVCC3
O (Analog)
DC power supply decoupling point for the
VCO. Connected to the output of the
VCO regulator. A capacitor must be tied
between this pin and ground to decouple
(bypass) noise and to stabilize the
regulator.
16
GND
I (Analog)
DC ground for VCO and LO circuits.
17
GND
I (Analog)
Signal ground for RF small signal
circuits. Pins 17, 18, and 19 should have
short, direct connections to each other
and additional connections to ground.
18
GND
I (Analog)
Ground return for the Receive RF input.
19
GND
I (Analog)
Signal ground for the Receive mixers.
20
GND
I (Analog)
DC and Signal ground for the Transmit
RF Output buffer.
22
RVCC4
O (Analog)
DC power supply decoupling point for the
LO chain. Connected to the output of a
regulator. There must be a capacitor to
ground from this pin to decouple
(bypass) noise and to stabilize the
regulator.
24
VCC5
I (Analog)
DC power supply input to voltage
Regulators and unregulated loads. VCC5
is the main (or master) analog VCC pin.
There must be a capacitor to ground
from this pin to decouple (bypass) noise
and to stabilize the regulator.
25
GND
I (Analog)
DC ground to IF, Demodulator, and Data
Slicer circuits.


Podobny numer części - ML2722DH-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Podobny opis - ML2722DH-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com