Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2722 Arkusz danych(PDF) 6 Page - Micro Linear Corporation

Numer części ML2722
Szczegółowy opis  900MHz Low-IF 1.5Mbps FSK Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRO-LINEAR [Micro Linear Corporation]
Strona internetowa  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2722 Arkusz danych(HTML) 6 Page - Micro Linear Corporation

Back Button ML2722 Datasheet HTML 2Page - Micro Linear Corporation ML2722 Datasheet HTML 3Page - Micro Linear Corporation ML2722 Datasheet HTML 4Page - Micro Linear Corporation ML2722 Datasheet HTML 5Page - Micro Linear Corporation ML2722 Datasheet HTML 6Page - Micro Linear Corporation ML2722 Datasheet HTML 7Page - Micro Linear Corporation ML2722 Datasheet HTML 8Page - Micro Linear Corporation ML2722 Datasheet HTML 9Page - Micro Linear Corporation ML2722 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ML2722
DS2722-F-06
FINAL DATASHEET
DECEMBER 2005 6
TRANSMIT RF BUFFER
POUT
Driver amplifier output power
When matched into 50
Ω
-4.5
-1.0
+2.0
dBm
Driver amplifier output return
loss
902 to 928MHz
14
dB
TRANSMIT MODULATION
fDEV
Modulation Deviation, internal
VCO
5 consecutive 1 or 0 bits
400
460
560
kHz
fOS
Modulation center frequency
offset
Between 50
μs and 10ms after PAON
high
-100
+100
kHz
TRANSMIT DATA FILTER
BWTX
Transmit data filter bandwidth
3dB Bandwidth
1.4
MHz
INTERFACE LOGIC LEVELS
VIH
Input high voltage
never exceed VDD
0.75 *
VDD
VDD
V
VIL
Input low voltage
0.25 *
VDD
V
IB
Input bias current
-5
0
5
μA
CIN
Input capacitance
measured at 1MHz
4
6
pF
VOH
DOUT high voltage
Sourcing 0.1mA
Typical value assumes 3.3V VDD
VDD
-
0.6
3.08
V
VOL
DOUT low voltage
Sinking 0.1mA
0.18
0.6
V
INTERFACE TIMING
tRX2PA
RX to TX switching time
Time from RXON low to PAON high
62.5
70
μs
tTX2EN
TX to RX switching time
Time from RXON high to receiver
enabled
72
80
μs
tRXEN
Channel switching time
Time from write to PLL tuning register
(EN high) to receiver enabled
320
342
μs
tXCEN
Chip enable time
From XCEN high to receiver enabled
with continuous reference applied
320
342
μs
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst case test conditions.


Podobny numer części - ML2722

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results

Podobny opis - ML2722

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
   900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
   5.8GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
   2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
   2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
   Low Power FM/FSK IF IC
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
   900MHz HumDTTM Series Transceiver
2015
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
List of Unclassifed Man...
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com