Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21009BMB825EP Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL21009BMB825EP
Szczegółowy opis  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BMB825EP Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL21009BMB825EP Datasheet HTML 1Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 2Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 3Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 4Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 5Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 6Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 7Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 8Page - Intersil Corporation ISL21009BMB825EP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6744.0
December 15, 2008
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
GND or NC
Can be either Ground or No Connect
2VIN
Power supply input connection
4
GND
Ground connection
5
TRIM
Allows user trim typically ±2.5%. Leave unconnected when unused.
6VOUT
Voltage reference output connection
3, 7, 8
DNC
Do Not Connect; Internal connection – must be left floating
Ordering Information
PART NUMBER
(Note 1)
PART
MARKING
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL21009BMB825EP
21009BM 25EP
2.500
±0.5mV, 3ppm/°C
-55 to +125
8 Ld SOIC
M8.15
ISL21009CMB825EP
21009CM 25EP
2.500
±1.0mV, 5ppm/°C
-55 to +125
8 Ld SOIC
M8.15
ISL21009BMB841EP
21009BM 41EP
4.096
±0.5mV, 3ppm/°C
-55 to +125
8 Ld SOIC
M8.15
ISL21009BMB850EP
21009BM 50EP
5.000
±0.5mV, 3ppm/°C
-55 to +125
8 Ld SOIC
M8.15
ISL21009CMB850EP
21009CM 50EP
5.000
±1.0mV, 5ppm/°C
-55 to +125
8 Ld SOIC
M8.15
NOTE:
1. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
FIGURE 1. TYPICAL APPLICATION PRECISION 12-BIT SUB-RANGING DAC
C1
0.001µF
C1
10µF
LOW NOISE DAC OUTPUT
ISL21009-25EP
GND
GND
NC
NC
NC
NC
VOUT
VIN
1
2
3
4
8
7
6
5
+5V
X79000
SCK
A0
A1
A2
SI
SO
RDY
UP
DOWN
OE
CS
CLR
VCC
VH
VL
VREF
VSS
VOUT
VBUF
VFB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SPI BUS
ISL21009MEP


Podobny numer części - ISL21009BMB825EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21009BMB825EP RENESAS-ISL21009BMB825EP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results

Podobny opis - ISL21009BMB825EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com