Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21009BMB841EP Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL21009BMB841EP
Szczegółowy opis  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BMB841EP Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL21009BMB841EP Datasheet HTML 4Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 5Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 6Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 7Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 8Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 9Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 10Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 11Page - Intersil Corporation ISL21009BMB841EP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6744.0
December 15, 2008
Typical Performance Curves (ISL21009-50EP) (R
EXT = 100kΩ)
FIGURE 30. IIN vs VIN, 3 UNITS
FIGURE 31. IIN vs VIN, 3 TEMPERATURES
FIGURE 32. LINE REGULATION
FIGURE 33. LINE REGULATION OVER-TEMPERATURE
FIGURE 34. LOAD REGULATION
0
20
40
60
80
100
120
140
5.50 6.50 7.50 8.50 9.50 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
UNIT3
UNIT2
UNIT1
80
90
100
110
5.50 6.50 7.50 8.50 9.50 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
+25°C
-40°C
+125°C
4.9994
4.9995
4.9996
4.9997
4.9998
4.9999
5.0000
5.0001
5.50 6.50 7.50 8.50 9.50 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
UNIT3
UNIT2
UNIT1
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
5.5
6.5
7.5
8.5
9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
+125°C
-55°C
+25°C
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
-7
-6
-5
-4
-3
-2
-1
0
SINKING
OUTPUT CURRENT (mA)
SOURCING
1234567
+25°C
+125°C
-55°C
ISL21009MEP


Podobny numer części - ISL21009BMB841EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21009BMB841EP RENESAS-ISL21009BMB841EP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results

Podobny opis - ISL21009BMB841EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com