Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC01-6 Arkusz danych(PDF) 3 Page - Semtech Corporation

Numer części LC01-6
Szczegółowy opis  Low Capacitance TVS for High-Speed Telecommunication Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC01-6 Arkusz danych(HTML) 3 Page - Semtech Corporation

  LC01-6_04 Datasheet HTML 1Page - Semtech Corporation LC01-6_04 Datasheet HTML 2Page - Semtech Corporation LC01-6_04 Datasheet HTML 3Page - Semtech Corporation LC01-6_04 Datasheet HTML 4Page - Semtech Corporation LC01-6_04 Datasheet HTML 5Page - Semtech Corporation LC01-6_04 Datasheet HTML 6Page - Semtech Corporation LC01-6_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC01-6
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
Capacitance vs. Reverse Voltage
1
10
100
0.1
1
10
100
1000
Pulse Duration - tp (µs)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
Ambient Temperature - TA (
oC)
0
2
4
6
8
10
12
14
0
1020304050
607080
90
100
110
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 10µs
td = 1000µs
38.5
39
39.5
40
40.5
41
41.5
0
1
23
45
6
Reverse Voltage - VR (V)
Pins 1-8 tied together
Pins 9 - 16 tied together
f = 1MHz
0
1
2
3
4
5
6
1
10
100
1000
Time (s)
AC Power Dissipation
0
10
20
30
40
50
60
70
80
90
100
110
0
10
1000
3000
Tim e (µs)
e-t
td = IPP/2
Waveform
Parameters:
tr = 10µs
td = 1000µs


Podobny numer części - LC01-6_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LC01-6_041 SEMTECH-LC01-6_041 Datasheet
187Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
More results

Podobny opis - LC01-6_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LC01-6 SEMTECH-LC01-6 Datasheet
202Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
LC01-6_041 SEMTECH-LC01-6_041 Datasheet
187Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
SRDA12-4 LEIDITECH-SRDA12-4 Datasheet
279Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
SRDA3.3-4 LEIDITECH-SRDA3.3-4_V01 Datasheet
278Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com