Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GXP5W.B10M116 Arkusz danych(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Numer części GXP5W.B10M116
Szczegółowy opis  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IVO [Baumer IVO GmbH & Co. KG]
Strona internetowa  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP5W.B10M116 Arkusz danych(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GXP5W.B10M116 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP5W.B10M116 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP5W.B10M116 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP5W.B10M116 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - bus interfaces
3
www.baumerivo.com
www.baumerivo.com
Connector M12
Connector
Core colour
Assignment
Pin 1
brown
GND B
Pin 2
white
UB
Pin 3
blue
CAN_GND
Pin 4
black
CAN_H
Pin 5
grey
CAN_L
4
3
2
1
5
5
1
2
3
4
Please use cores twisted in
pairs (for example CAN_H /
CAN_L) for extension cables
of more than 10 m length.
Connector D-SUB
Connector
Assignment
Pin 1
Pin 2
CAN_L
Pin 3
CAN_GND
Pin 4
Pin 5
Pin 6
GND B
Pin 7
CAN_H
Pin 8
Pin 9
UB
Connector M23
Connector
Core colour
Assignment
Pin 1
brown/green UB
Pin 2
white/green
GND B
Pin 3
pink
CAN_L
Pin 4
grey
CAN_H
Pin 5
white
CAN_GND
Pin 6-12
1
2
3
4
5
6
7
8
9
10
12
11
Please use cores twisted in
pairs (for example CAN_H /
CAN_L) for extension cables
of more than 10 m length.
Please use cores twisted in
pairs (for example CAN_H /
CAN_L) for extension cables
of more than 10 m length.
UB
Encoder voltage supply
GND B
Encoder ground connection relating to UB
CAN_L
CAN bus signal (dominant Low)
CAN_H
CAN bus signal (dominant High)
CAN_GND
GND relating to CAN interface.
Depending on model separated from
GND B either by galvanic isolation or by
inductive earthing.
Terminal significance
Terminal assignment
GXP5W - CANopen
Shaft with clamping or synchro flange
Optical multiturn encoders 13 bit ST / 16 bit MT, CANopen
Bus protocol
CANopen
Device profile
CANopen - CiA DSP 406, V 3.0
(Device Class 2, CAN 2.0B)
Operating modes Event-triggered / Time-triggered
Remotely-requested
Sync (cyclic) / Sync (acyclic)
Preset
Parameter for setting the encoder to a
requested position value assigned to a
defined shaft position of the system. The
offset of encoder zero point and mecha-
nical zero point is stored in the encoder.
Rotating direction Parameter for defining the rotating direc-
tion in which there have to be ascending
or descending position values.
Scaling
Parameter defining the steps per turn as
well as the total resolution.
Diagnosis
The encoder supports the following error
warnings:
- Position and parameter error
- Lithium battery voltage control
(Multiturn)
Node Monitoring Heartbeat or Nodeguarding
Default
50 kbit/s, Node ID 1
CANopen features


Podobny numer części - GXP5W.B10M116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ruilongyuan Electronics...
GXP50 RUILON-GXP50 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP55 RUILON-GXP55 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP5S.010A306 IVO-GXP5S.010A306 Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP5S.010A316 IVO-GXP5S.010A316 Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
More results

Podobny opis - GXP5W.B10M116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com