Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA202.023AXA1 Arkusz danych(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Numer części TA202.023AXA1
Szczegółowy opis  Tachometer electronic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IVO [Baumer IVO GmbH & Co. KG]
Strona internetowa  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA202.023AXA1 Arkusz danych(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  TA202.023AXA1 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA202.023AXA1 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG TA202.023AXA1 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG TA202.023AXA1 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Tachometer electronic
3
www.baumerivo.com
www.baumerivo.com
TA202
Ratio display, 2 limits, analogue output
Large 14 mm display LED, 6-digits, programmable
Part number
TA202.
AXA1
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 24 VDC
Outputs
0 Optocoupler outputs
1 Relay and optocoupler outputs
2 Relay and optocoupler outputs /
analogue output
Interface
0 Without interface
1 RS485
2 RS422
3 RS232
Dimensions
96
109
123.75
19.75
1-10
7


Podobny numer części - TA202.023AXA1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
logo
Powerex Power Semicondu...
TA202016 POWEREX-TA202016 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA202018 POWEREX-TA202018 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2020A TAI-SAW-TA2020A Datasheet
219Kb / 6P
   SAW Filter 1575 MHz
logo
Beijing Yaohuadechang E...
TA2020FL-100 YHDC-TA2020FL-100 Datasheet
617Kb / 1P
   Electronic power general current transformer
More results

Podobny opis - TA202.023AXA1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
Extech Instruments Corp...
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com