Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL15.TC Arkusz danych(PDF) 7 Page - Semtech Corporation

Numer części SL15.TC
Szczegółowy opis  Low Capacitance TVS Diode For High Speed Data Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SL15.TC Arkusz danych(HTML) 7 Page - Semtech Corporation

  SL15.TC Datasheet HTML 1Page - Semtech Corporation SL15.TC Datasheet HTML 2Page - Semtech Corporation SL15.TC Datasheet HTML 3Page - Semtech Corporation SL15.TC Datasheet HTML 4Page - Semtech Corporation SL15.TC Datasheet HTML 5Page - Semtech Corporation SL15.TC Datasheet HTML 6Page - Semtech Corporation SL15.TC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SL05 through SL24
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
P
d
a
e
L
h
s
i
n
i
F
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
C
T
.
5
0
L
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
2
1
L
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
5
1
L
Sb
P
n
S0
0
0
,
3h
c
n
I
7
C
T
.
4
2
L
Sb
P
n
S0
0
0
,
3h
c
n
I
7
T
C
T
.
5
0
L
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
2
1
L
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
5
1
L
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
T
C
T
.
4
2
L
Se
e
r
F
b
P0
0
0
,
3h
c
n
I
7
Marking Codes
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
5
0
L
S5
0
L
2
1
L
S2
1
L
5
1
L
S5
1
L
4
2
L
S4
2
L


Podobny numer części - SL15.TC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SL15 SEMTECH-SL15 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Micro Commercial Compon...
SL15 MCC-SL15 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL15 MICROSEMI-SL15 Datasheet
89Kb / 2P
   TVSarray Series
logo
Shenzhen Luguang Electr...
SL15 LUGUANG-SL15 Datasheet
152Kb / 2P
   TVS Array Series
logo
Galaxy Semi-Conductor H...
SL15 BILIN-SL15 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SL15.TC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC08DT3 LEIDITECH-LC08DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com