Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL12.TCT Arkusz danych(PDF) 4 Page - Semtech Corporation

Numer części SL12.TCT
Szczegółowy opis  Low Capacitance TVS Diode For High Speed Data Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SL12.TCT Arkusz danych(HTML) 4 Page - Semtech Corporation

  SL12.TCT Datasheet HTML 1Page - Semtech Corporation SL12.TCT Datasheet HTML 2Page - Semtech Corporation SL12.TCT Datasheet HTML 3Page - Semtech Corporation SL12.TCT Datasheet HTML 4Page - Semtech Corporation SL12.TCT Datasheet HTML 5Page - Semtech Corporation SL12.TCT Datasheet HTML 6Page - Semtech Corporation SL12.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SL05 through SL24
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs
l
e
v
e
Lt
s
ri
F
k
a
e
P
t
n
e
r
r
u
C
)
A
(
k
a
e
P
t
n
e
r
r
u
C
s
n
0
3
t
a
)
A
(
k
a
e
P
t
n
e
r
r
u
C
s
n
0
6
t
a
)
A
(
t
s
e
T
e
g
a
tl
o
V
t
c
a
t
n
o
C
(
)
e
g
r
a
h
c
s
i
D
)
V
k
(
t
s
e
T
e
g
a
tl
o
V
ri
A
(
)
e
g
r
a
h
c
s
i
D
)
V
k
(
15
.
74
8
2
2
25
18
4
4
4
35
.
2
22
16
6
8
40
36
18
8
5
1
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
IEC 61000-4-2 Discharge Parameters
ESD Pulse Waveform (Per IEC 61000-4-2)


Podobny numer części - SL12.TCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SL12 PANJIT-SL12 Datasheet
50Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
SMC Diode Solutions Co....
SL12 SMCDIODE-SL12 Datasheet
307Kb / 4P
   SL12 THRU SL14 LOW VF SURFACE MOUNTSCHOTTKY RECTIFIER
Rev. A
logo
GOOD-ARK Electronics
SL12 GOOD-ARK-SL12 Datasheet
187Kb / 2P
   Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 1.0 Ampere
logo
Sangdest Microelectroni...
SL12 SMC-SL12 Datasheet
176Kb / 4P
   1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL12 TRSYS-SL12 Datasheet
156Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SL12.TCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC08DT3 LEIDITECH-LC08DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com