Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA226 Arkusz danych(PDF) 3 Page - Rohm

Numer części BA226
Szczegółowy opis  CR timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA226 Arkusz danych(HTML) 3 Page - Rohm

  BA226 Datasheet HTML 1Page - Rohm BA226 Datasheet HTML 2Page - Rohm BA226 Datasheet HTML 3Page - Rohm BA226 Datasheet HTML 4Page - Rohm BA226 Datasheet HTML 5Page - Rohm BA226 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Standard ICs
BA225 / BA225F / BA235 / BA226 / BA226F / BA236
1.010
1.000
C = 0.01
µF
R = 100k
0.990
0.980
1.005
0.995
0.985
0
POWER SUPPLY VOLTAGE: VCC (V)
04
12
820
16
Fig. 4 Power supply voltage vs.
delay time
10
0.001
1.0
0.1
0.01
TIMING PERIOD: T (ms)
0.01
0.1
10
1100
Fig. 6 One-shot time
characteristics
AMBIENT TEMPERATURE: Ta (
°C)
– 25
0
50
25
75
VCC = 5V
C = 0.01
µF
R = 100k
1.010
1.015
1.020
1.000
0.990
0.980
1.005
0.995
0.985
Fig. 5 Temperature vs.
delay time
Measurement circuit
VCC
CR
mA
PG
BA225
BA225F
BA235
GND
S3
5mA
5mA
D.V
µA
D.V
Counter
OUT
IN
S1
S0
OFF
ON
VCC
S2
0.1
µF
100k
Fig. 7
Attached components
(1) Timing capacitors (Pins 2 and 6)
Connected between these pins and the ground (GND),
this capacitor determines the one-shot period. We rec-
ommend using a capacitor with a value greater than
1000pF. The one-shot cycle is determined by T = 1 / 2
C • R.
(2) Timing resistor (Pins 2 and 6)
Connected to the power supply line, these resistors
determine the one-shot period. The timing capacitor is
charged through this resistor. The recommended range
for the timing resistor is 10k
Ω to 1MΩ.
(3) Power supply capacitor (Pin 8)
Connect a 0.02
µF capacitor between the power supply
pin and the ground (GND) so as to prevent malfunction
resulting from a rise in the impedance of the power
supply line.
(4) Load (Pins 1 and 7)
A load of up to 5mA can be accommodated for both the
inflow current and the outflow current.


Podobny numer części - BA226

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
   Radio Servo controller
More results

Podobny opis - BA226

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
   CR-SURGE ABSORBER
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
   CAPAROC CR 8 - Busbar
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com