Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320CC6713GNZS20EP Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SM320CC6713GNZS20EP
Szczegółowy opis  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM320CC6713GNZS20EP Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SM320CC6713GNZS20EP Datasheet HTML 5Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 6Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 7Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 8Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 9Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 10Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 11Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 12Page - Texas Instruments SM320CC6713GNZS20EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
3.1
Description
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
www.ti.com
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
Table 3-1. Terminal Assignments for 272-Ball GDP Package (in Order of Ball No.) (continued)
BALL NO.
SIGNAL NAME
BALL NO.
SIGNAL NAME
R19
ED11
V11
ARE/SDCAS/SSADS
R20
ED12
V12
AWE/SDWE/SSWE
T1
ED24
V13
DVDD
T2
ED25
V14
EA17
T3
DVDD
V15
DVDD
T4
VSS
V16
EA
T17
VSS
V17
CE0
T18
ED13
V18
CVDD
T19
ED15
V19
DVDD
T20
ED14
V20
BE0
U1
ED22
W1
VSS
U2
ED21
W2
CVDD
U3
ED23
W3
DVDD
U4
VSS
W4
ED17
U5
DVDD
W5
VSS
U6
CVDD
W6
CE2
U7
DVDD
W7
EA4
U8
VSS
W8
EA6
W9
DVDD
Y5
ARDY
W10
AOE/SDRAS/SSOE
Y6
EA2
W11
VSS
Y7
DVDD
W12
DVDD
Y8
EA7
W13
EA11
Y9
EA9
W14
EA13
Y10
ECLKOUT
W15
EA15
Y11
ECLKIN
W16
VSS
Y12
CLKOUT2/GP[2]
W17
EA19
Y13
VSS
W18
CE1
Y14
EA14
W19
CVDD
Y15
EA16
W20
VSS
Y16
EA18
Y1
VSS
Y17
DVDD
Y2
VSS
Y18
EA20
Y3
ED18
Y19
VSS
Y4
BE2
Y20
VSS
The TMS320C67x™ DSPs (including the SM320C6713 and SM320C6713B devices) compose the
floating-point DSP generation in the TMS320C6000™ DSP platform. The C6713 and C6713B devices are
based on the high-performance, advanced very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making this DSP an excellent choice for multichannel and multifunction
applications. Throughout the remainder of this document, the SM320C6713 and SM320C6713B are
referred to as 320C67x or C67x or 13/13B where generic, and where specific, their individual full device
part numbers are used or abbreviated as C6713, C6713B, 13, or 13B, and so forth.
Operating at 225 MHz, the C6713/13B delivers up to 1350 million floating-point operations per second
(MFLOPS), 1800 million instructions per second (MIPS), and with dual fixed-/floating-point multipliers up to
450 million multiply-accumulate operations per second (MMACS).
Operating at 300 MHz, the C6713B delivers up to 1800 million floating-point operations per second
(MFLOPS), 2400 million instructions per second (MIPS), and with dual fixed-/floating-point multipliers up to
600 million multiply-accumulate operations per second (MMACS).
Submit Documentation Feedback
DEVICE INFORMATION
9


Podobny numer części - SM320CC6713GNZS20EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM320CC6713GNZS20EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com