Zakładka z wyszukiwarką danych komponentów |
|
Z0110SA Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
Z0110SA Arkusz danych(HTML) 8 Page - STMicroelectronics |
8 / 8 page Packaging information Z01 8/12 Doc ID 7474 Rev 10 3 Packaging information ● Epoxy meets UL94, V0 ● Lead-free packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 15. SOT-223 footprint dimensions (in millimeters) Table 6. SOT-223 dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 1.80 0.071 A1 0.02 0.10 0.001 0.004 B 0.60 0.70 0.85 0.024 0.027 0.033 B1 2.90 3.00 3.15 0.114 0.118 0.124 c 0.24 0.26 0.35 0.009 0.010 0.014 D(1) 1. Do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm (0.006inches) 6.30 6.50 6.70 0.248 0.256 0.264 e 2.3 0.090 e1 4.6 0.181 E(1) 3.30 3.50 3.70 0.130 0.138 0.146 H 6.70 7.00 7.30 0.264 0.276 0.287 V10° max A A1 e1 D B1 H E e 12 4 3 B V c 3.25 1.32 7.80 5.16 1.32 2.30 0.95 |
Podobny numer części - Z0110SA |
|
Podobny opis - Z0110SA |