Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB16 Arkusz danych(PDF) 3 Page - Suntac Electronic Corp.

Numer części BTB16
Szczegółowy opis  16A Triacs logic level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAC [Suntac Electronic Corp.]
Strona internetowa  
Logo SUNTAC - Suntac Electronic Corp.

BTB16 Arkusz danych(HTML) 3 Page - Suntac Electronic Corp.

  BTB16 Datasheet HTML 1Page - Suntac Electronic Corp. BTB16 Datasheet HTML 2Page - Suntac Electronic Corp. BTB16 Datasheet HTML 3Page - Suntac Electronic Corp. BTB16 Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OTHER INFORMATION
Note: xxx = voltage, y = sensitivity, z = type
Part Number
Marking
Weight
Base
quantity
Packing
mode
BTA/BTB16-xxxyz
BTA/BTB16xxxyz
2.3 g
250
Bulk
BTA/BTB16-xxxyzRG
BTA/BTB16-xxxyz
2.3 g
50
Tube
T1635-xxxG
T1635xxxG
1.5 g
50
Tube
T1635-xxxG-TR
T1635xxxG
1.5 g
1000
Tape & reel
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2-1: RMS on-state current versus case
temperature (full cycle).
Fig. 2-2: D²PAK RMS on-state current versus
ambient temperature (printed circuit board FR4,
copper thickness: 35
µm), full cycle.
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
02468
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
IT(RMS) (A)
P (W)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
Tc(°C)
IT(RMS) (A)
BTA
BTB/T16
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tamb(°C)
IT(RMS) (A)
D PAK
(S=1cm )
2
2
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
1E-2
1E-1
1E+0
tp (s)
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
16A Triacs logic level
BTA/BTB16 series
3/4


Podobny numer części - BTB16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
99Kb / 9P
   16A TRIACS
logo
Kersemi Electronic Co.,...
BTB16 KERSEMI-BTB16 Datasheet
347Kb / 6P
   16 A Snubberless?? logic level and standard Triacs
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTB16 STMICROELECTRONICS-BTB16 Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
JIEJIE MICROELECTRONICS...
BTB16 JIEJIE-BTB16 Datasheet
692Kb / 6P
   16A TRIACs
More results

Podobny opis - BTB16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nell Semiconductor Co.,...
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com