Zakładka z wyszukiwarką danych komponentów |
|
Z0110NN2AL2 Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
Z0110NN2AL2 Arkusz danych(HTML) 3 Page - STMicroelectronics |
3 / 8 page Z01 Characteristics Doc ID 7474 Rev 10 3/12 Table 3. Static characteristics Symbol Test conditions Value Unit VTM (1) 1. For both polarities of A2 referenced to A1. ITM = 1.4 A, tp = 380 µs Tj = 25 °C MAX. 1.6 V Vto (1) Threshold voltage Tj = 125 °C MAX. 0.95 V Rd (1) Dynamic resistance Tj = 125 °C MAX. 400 m Ω IDRM IRRM VDRM = VRRM Tj = 25 °C MAX. 5µA Tj = 125 °C 0.5 mA Table 4. Thermal resistances Symbol Parameter Value Unit Rth(j-t) Junction to tab (AC) SOT-223 MAX. 25 °C/W Rth(j-t) Junction to tab (AC) SMBflat-3L 14 Rth(j-I) Junction to lead (AC) TO-92 60 Rth(j-a) Junction to ambient S(1) = 5 cm² SOT-223 60 SMBflat-3L 75 TO-92 150 1. S = copper surface under tab. Figure 1. Maximum power dissipation versus on-state rms current (full cycle) Figure 2. On-state rms current versus lead (TO-92) or tab (SOT-223, SMBflat- 3L) temperature (full cycle) P(W) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.00 0.25 0.50 0.75 1.00 1.25 1.50 I (A) T(RMS) α=180 ° 180° 0 2550 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 I (A) T(RMS) SOT-223 TO-92 T or (°C) l Ttab SMBF3L |
Podobny numer części - Z0110NN2AL2 |
|
Podobny opis - Z0110NN2AL2 |