Zakładka z wyszukiwarką danych komponentów |
|
Z0110SA5AA4 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
Z0110SA5AA4 Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 8 page Characteristics Z01 2/12 Doc ID 7474 Rev 10 1 Characteristics Table 1. Absolute maximum ratings Symbol Parameter Value Unit IT(RMS) On-state rms current (full sine wave) SOT-223 Ttab = 90 °C 1A TO-92 TL = 50 °C SMBflat-3L Ttab = 107 °C ITSM Non repetitive surge peak on-state current (full cycle, Tj initial = 25 °C) F = 50 Hz t = 20 ms 8 A F = 60 Hz t = 16.7 ms 8.5 I²tI²t Value for fusing tp = 10 ms 0.35 A²s dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 120 Hz Tj = 125 °C 20 A/µs IGM Peak gate current tp = 20 µs Tj = 125 °C 1 A PG(AV) Average gate power dissipation Tj = 125 °C 1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified) Symbol Test conditions Quadrant Z01 Unit 03 07 09 10 IGT (1) 1. Minimum IGT is guaranteed at 5% of IGT max. VD = 12 V, RL = 30 Ω I - II - III MAX. 3 5 10 25 mA IV 5 7 10 25 VGT ALL MAX. 1.3 V VGD VD = VDRM, RL = 3.3 kΩ, Tj = 125 °C ALL MIN. 0.2 V IH (2) IT = 50 mA MAX. 7 10 10 25 mA IL IG = 1.2 IGT I - III - IV MAX. 710 15 25 mA II 15 20 25 50 dV/dt (2) VD = 67% VDRM gate open Tj = 110 °C MIN. 10 20 50 100 V/µs (dV/dt)c (2) 2. For both polarities of A2 referenced to A1. (dI/dt)c = 0.44 A/ms, Tj = 110 °C MIN. 0.5 1 2 5 V/µs |
Podobny numer części - Z0110SA5AA4 |
|
Podobny opis - Z0110SA5AA4 |