Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109MN5AA4 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części Z0109MN5AA4
Szczegółowy opis  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MN5AA4 Arkusz danych(HTML) 5 Page - STMicroelectronics

  Z0109MN5AA4 Datasheet HTML 1Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 2Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 3Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 4Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 5Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 6Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 7Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Z01
Characteristics
Doc ID 7474 Rev 10
5/12
Figure 13.
Relative variation of static dV/dt immunity versus junction temperature (gate open)
Figure 9.
On-state characteristics
(maximum values) (ITM = f(VTM)
Figure 10.
Relative variation of critical rate
of decrease of main current versus
(dV/dt)c
I
(A)
TM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
V
(V)
TM
T =
max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =400 m
t0
d
Ω
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Z0103
Z0107
Z0110
Z0109
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
(dV/dt)c (V/µs)
Figure 11.
Relative variation of critical rate of
decrease of main current (dI/dt)
versus junction temperature
Figure 12.
SOT-223 and SMBflat-3L thermal
resistance junction to ambient
versus copper surface under case
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j
50
60
70
80
90
100
110
120
130
140
SOT223
150
160
170
0
12
3
4
5
R
(°C/W)
th(j-a)
S(cm²)
CU
SMBF3L
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
dV/dt [T
j]/ dV/dt[T j=125 °C]
V
D=VR=402V


Podobny numer części - Z0109MN5AA4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0109MN5AA4 STMICROELECTRONICS-Z0109MN5AA4 Datasheet
96Kb / 9P
   1 A Triacs
Z0109MN5AA4 STMICROELECTRONICS-Z0109MN5AA4 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Inchange Semiconductor ...
Z0109MN5AA4 ISC-Z0109MN5AA4 Datasheet
231Kb / 2P
   isc Triacs
logo
STMicroelectronics
Z0109MN5AA4-ND STMICROELECTRONICS-Z0109MN5AA4-ND Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Podobny opis - Z0109MN5AA4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com