Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1N957B Arkusz danych(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Numer części TC1N957B
Szczegółowy opis  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Strona internetowa  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N957B Arkusz danych(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N957B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N957B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N957B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
November 2006/ B
Page 3
SEMICONDUCTOR
TAK CHEONG
®
Package Outline
Package
Case Outline
DO-35
DO-35
Millimeters
Inches
DIM
Min
Max
Min
Max
A
0.46
0.55
0.018
0.022
B
3.05
5.08
0.120
0.200
C
25.40
38.10
1.000
1.500
D
1.53
2.28
0.060
0.090
Notes:
1.
All dimensions are within JEDEC standard.
2.
DO35 polarity denoted by cathode band.
This datasheet presents technical data of Tak Cheong’s Zener Diodes. Complete specifications for the individual devices are
provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of
components required for a specific application. For additional information, please visit our website http://www.takcheong.com.
Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak
Cheong. Please consult your nearest Tak Cheong’s sales office for further assistance.
Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability,
function or design, cost and productivity.
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
TAK CHEONG
®


Podobny numer części - TC1N957B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tak Cheong Electronics ...
TC1N957B TAK_CHEONG-TC1N957B Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N957B TAK_CHEONG-TC1N957B_10 Datasheet
570Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - TC1N957B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com