Zakładka z wyszukiwarką danych komponentów |
|
TCZX15V Arkusz danych(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TCZX15V Arkusz danych(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
3 / 6 page Number: DB-043 July 2008 / C Page 3 SEMICONDUCTOR TAK CHEONG ® Electrical Characteristics T A = 25°C unless otherwise noted VZ@Izt Device Type T Tolerance Min Nom Max Izt (mA) Zzt@Izt (Ohms) Max Zzk@Izk (Ohms) Max Izk (mA) IR@VR (uA) Max VR (V) A 29.68 30.45 31.22 B 30.32 31.10 31.88 C 30.90 31.70 32.50 TCZX33V D 31.49 32.30 33.11 5 65 250 0.5 0.2 25 A 32.14 32.97 33.79 B 32.79 33.64 34.49 C 33.40 34.27 35.13 TCZX36V D 34.01 34.89 35.77 5 75 250 0.5 0.2 27 A 34.68 35.58 36.47 B 35.36 36.28 37.19 C 36.00 36.93 37.85 TCZX39V D 36.63 37.58 38.52 5 85 250 0.5 0.2 30 VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types Notes: 1. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have zener voltage as shown 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage is measured under pulse conditions such that TJ is no more than 2℃ above TA. 4. ZENER IMPEDANCE (ZZ) DERIVATION Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the dc zener current ( IZT) is superimposed to IZT . 5. WHEN ORDERING, PLEASE SPECIFY TOLERANCE A, B. C OR D |
Podobny numer części - TCZX15V |
|
Podobny opis - TCZX15V |