Zakładka z wyszukiwarką danych komponentów |
|
Z0110SA5AL2 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
Z0110SA5AL2 Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 8 page December 2010 Doc ID 7474 Rev 10 1/12 12 Z01 Standard 1A Triacs Features ■ On-state rms current, IT(RMS) 1 A ■ Repetitive peak off-state voltage, VDRM/VRRM 600 or 800 V ■ Triggering gate current, IGT (Q1) 3 to 25 mA Description The Z01 series is suitable for general purpose AC switching applications. These devices are typically used in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... Different gate current sensitivities are available, allowing optimized performance when driven directly through microcontrollers. A2 A1 G A2 A1 G A1 A2 G A1 A2 G A2 TO-92 Z01xxA SOT-223 Z01xxN SMBflat-3L Z01xxMUF www.st.com |
Podobny numer części - Z0110SA5AL2 |
|
Podobny opis - Z0110SA5AL2 |