Zakładka z wyszukiwarką danych komponentów |
|
Z0107NN5AL2 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
Z0107NN5AL2 Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 8 page Characteristics Z01 4/12 Doc ID 7474 Rev 10 Figure 3. On-state rms current versus ambient temperature (free air convection full cycle) Figure 4. Relative variation of thermal impedance versus pulse duration (Zth(j-a)) I (A) T(RMS) 0 25 50 75 100 125 0.0 0.2 0.4 0.6 0.8 1.0 1.2 R = 60°C/W (SOT-223) th(j-a) R = 150°C/W (TO-92) th(j-a) T (°C) amb R th (j-a) = 100°C/W (SMBflat-3L) 0.01 0.10 1.00 1.0E-03 1.0E-02 1.0E-01 1.0E+00 1.0E+01 1.0E+02 1.0E+03 Z01xxMUF Copper surface area = 5cm² Z01xxA Z01xxN K=[Z /R th(j-a) th(j-a)] t (s) p Figure 5. Relative variation of holding current and latching current versus junction temperature (typ. values) Figure 6. Relative variation of gate trigger current (IGT) and voltage (VGT) versus junction temperature I, I [T ] / HL j I , I [T =25°C] HL j 0.0 0.5 1.0 1.5 2.0 2.5 -50 -25 0 25 50 75 100 125 I H I L T (°C) j 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -50 -25 0 25 50 75 100 125 Tj(°C) I GT,VGT[Tj]/ IGT,VGT[Tj=25 °C] I GT Q1-Q2 V GT Q1-Q2-Q3-Q4 I GT Q3 I GT Q4 Figure 7. Surge peak on-state current versus number of cycles Figure 8. Non-repetitive surge peak on-state current and corresponding value of I2t sinusoidal pulse width 0 1 2 3 4 5 6 7 8 9 1 10 100 1000 Number of cycles Repetitive T = 95 °C amb Non repetitive T initial = 25 °C j I (A) TSM One cycle T = 20 ms 0.01 0.10 1.00 10.00 0.1 1.0 10.0 100.0 t (ms) p I (A), I t (A s) TSM 22 It 2 dI/dt limitation: 20A/µs T initial = 25°C j ITSM |
Podobny numer części - Z0107NN5AL2 |
|
Podobny opis - Z0107NN5AL2 |