Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z0109NN5AL2 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części Z0109NN5AL2
Szczegółowy opis  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109NN5AL2 Arkusz danych(HTML) 1 Page - STMicroelectronics

  Z0109NN5AL2 Datasheet HTML 1Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 2Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 3Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 4Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 5Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 6Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 7Page - STMicroelectronics Z0109NN5AL2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 2010
Doc ID 7474 Rev 10
1/12
12
Z01
Standard 1A Triacs
Features
On-state rms current, IT(RMS) 1 A
Repetitive peak off-state voltage, VDRM/VRRM
600 or 800 V
Triggering gate current, IGT (Q1) 3 to 25 mA
Description
The Z01 series is suitable for general purpose AC
switching applications. These devices are
typically used in applications such as home
appliances (electrovalve, pump, door lock, small
lamp control), fan speed controllers,...
Different gate current sensitivities are available,
allowing optimized performance when driven
directly through microcontrollers.
A2
A1
G
A2
A1
G
A1
A2
G
A1
A2
G
A2
TO-92
Z01xxA
SOT-223
Z01xxN
SMBflat-3L
Z01xxMUF
www.st.com


Podobny numer części - Z0109NN5AL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
Z0109NN5AL2 STMICROELECTRONICS-Z0109NN5AL2 Datasheet
96Kb / 9P
   1 A Triacs
Z0109NN5AL2 STMICROELECTRONICS-Z0109NN5AL2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Podobny opis - Z0109NN5AL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com