Zakładka z wyszukiwarką danych komponentów |
|
ADD-155C Arkusz danych(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
ADD-155C Arkusz danych(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page SPECIFICATION FileName:ADD-155-SPEC2008-10-08 MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE FREQUENCY RANGE EFFICIENCY (Typ.) INPUT INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS HARMONICCURRENT EMSIMMUNITY WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE BATTERY LOW ACCURRENT (Typ.) 1000ms,90ms/230VAC2000ms,90ms/115VACatfullload 24ms/230VAC20ms/115VACatfullload 88~264VAC124~370VDC 47~63Hz 78% 81% 81% 2.5A/115VAC1.5A/230VAC COLDSTART 20A/115VAC40A/230VAC <1mA /240VAC CH1,CH2:105~135%CH3:0.51~0.9A ratedoutputpower CH1:15.87~18.63V 10V 0.8V 19.5V(+1.5V,-1V) 39V 2V CH1:31.74~37.26V CH1:62.1~72.9V Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisreoved Protectiontype:Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1approved CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 Complianceto EN55024,lightindustrylevel,criteria A EN61000-4-2,3,4,5,6,8,11;ENV50204, -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 )on+5Vouput 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 164.2Khrsmin.MIL-HDBK-217F(25 ) 199*110*50mm(L*W*H) 1Kg;16pcs/16Kg/0.95CUFT POWERFACTOR (Typ.) PF>0.92atfullload ADD-155A 13.8V 9.5A 0~10.5A 152.75W 150mVp-p CH1:12~14.5V 1.0% 0.5% 1.0% 2.0% 2.0% 3.0% ADD-155B ADD-155C 5V CH2 13.3V CH3 5V CH2 5V CH2 27.1V CH3 53.5V CH3 27.6V CH1 54V CH1 3A 0.5A 3A 3A 0.5A 0.2A 4.5A 2.3A 0~3A -------- 0~3A 0~3A -------- -------- 0~5A 0~2.5A 152.75W 149.9W 100mVp-p -------- 100mVp-p 100mVp-p -------- -------- 200mVp-p 240mVp-p CH1:24~29V CH1:48~58V -------- -------- -------- -------- -------- -------- -------- -------- -------- 1.0% 1.0% 1.0% 3.0% 1.0% 5.0% 0.5% 1.0% 1.0% 0.5% 2.0% 2.0% 155WDualOutputwithBatteryCharger(USP Function) A D D - 1 5 5 series Universal AC input / Full range Built-in active PFC function Protections: Short circuit / Overload / Over voltage Battery low/battery polarity protections Cooling by free air convection 100% full load burn-in test Fixed switching frequency at PFC 67KHz, PWM 134KHz 2 years warranty Features : RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25 /70%RH ENVIRONMENT EMICONDUCTION&RADIATION SAFETY & EMC (Note4) PROTECTION 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. CH1 OUTPUTNUMBER |
Podobny numer części - ADD-155C |
|
Podobny opis - ADD-155C |