Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP-100 Arkusz danych(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Numer części TP-100
Szczegółowy opis  100W Triple Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TP-100 Arkusz danych(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  TP-100 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TP-100 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
CaseNo.916A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
110
115
135
155
264
230
20
40
60
70
80
100
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
BlockDiagram
fosc:100KHz
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCH-
FILTER
&
RECTIFIERS
V2
I/P
FG
ING
CONTROL
O.V.P.
&
PFC
DETECTIONCIRCUT
RECTIFIERS
FILTER
&
REGULATOR
V3
&
FILTER
RECTIFIERS
COM
+5V
90
100
80
70
60
50
40
FileName:TP-100-SPEC2007-10-25
100W TripleOutputwithPFCFunction
T P - 1 0 0 series
142
25
8max.
133
65
117
199
35
70
20
25
15
6-M4L=6mm
3
2
1
4
5
7
6
8
9
LED
+V ADJ.1
+V ADJ.2
2-M4
5-M3L=6mm
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
3
4
2
5
6,7
8,9
Assignment
Assignment
AC/L
DCOUTPUT V2
DCOUTPUT V1
DCOUTPUT COM
AC/N
FG
DCOUTPUT V3


Podobny numer części - TP-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100A ASTRODYNE-TP-100A Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100A RSG-TP-100A Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
More results

Podobny opis - TP-100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100_10 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP100 ASTRODYNE-TP100 Datasheet
303Kb / 4P
   100W Triple Output with PFC Function
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com