Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT754A Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BAT754A
Szczegółowy opis  Schottky barrier (double) diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT754A Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT754A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Schottky barrier (double) diodes
BAT754 series
Features
Ultra high switching speed
Guard ring protected
Small plastic SMD package
Low diode capacitance.
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S ym bol
C onditions
M in
M ax
U n it
IF =0 .1 m A
200
m V
IF =1 m A
260
m V
IF =1 0 m A
340
m V
IF =3 0 m A
420
m V
IF = 100 m A
600
mV
R e ve rs e c u rre n t
IR
V R = 2 5V ; N o te1
2
A
D iode capacitance
C d
f= 1 M H z;V R =1 V
1 0
p F
No te
1. P u ls e test: tp < 300
s; ä
0.02.
F o rw ard voltage
V F
Marking
Type
BAT754
BAT754A
BAT754C
BAT754S
Marking
2K
2L
2M
2N
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
30
V
Continuous forward current
IF
200
mA
Repetitive peak forward current
IFRM
tp < 1 s;ä < 0.5
300
mA
Non-repetitive peak forward current
IFSM
tp = 8.3 ms half sinewave;JEDEC method
600
mA
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
125
Operating ambient temperature
Tamb
-65
+125


Podobny numer części - BAT754A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT754A PHILIPS-BAT754A Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAT754A NXP-BAT754A Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
logo
Nexperia B.V. All right...
BAT754A NEXPERIA-BAT754A Datasheet
2Mb / 10P
   Schottky barrier diodes
Rev. 3 - 9 October 2012
More results

Podobny opis - BAT754A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com