Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT853 Arkusz danych(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części FZT853
Szczegółowy opis  NPN Silicon Planar High Current Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT853 Arkusz danych(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT853 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT853 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
unless otherwise stated
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100ìA
150
220
V
Collector-Emitter Breakdown Voltage
V(BR)CER
IC=1ìA, RB
1KÙ
150
220
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA*
60
85
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100ìA
6
8
V
VCB=120V
50
nA
VCB=120V,Tamb=100
1ìA
VCB=120V
50
nA
VCB=120V,Tamb=100
1ìA
Emitter Cut-Off Current
IEBO
VEB=6V
10
nA
IC=0.1A, IB=50mA*
50
mV
IC=1A, IB=50mA*
100
mV
IC=2A, IB=50mA*
170
mV
IC=6A, IB=300mA*
375
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=6A, IB=300mA*
1200
mV
Base-Emitter Turn-On Voltage
VBE(on)
IC=6A, VCE=1V*
1150
V
IC=10mA, VCE=1V
100
200
IC=2A, VCE=1V*
100
200
300
IC=5A, VCE=1V*
75
120
IC=10A, VCE=1V*
25
50
Transition Frequency
fT
IC=100mA, VCE=10V,f=50MHz
130
MHz
Output Capacitance
Cobo
VCB=10V, f=1MHz
45
pF
ton
IC=1A, IB1=100mA
45
ns
toff
IB2=100mA, VCC=10V
1100
ns
*Measured under pulsed conditions. Pulse width=300ìs. Duty cycle
2%
Collector-Emitter Saturation Voltage
VCE(sat)
Collector Cut-Off Current
ICBO
ICER
Collector Cut-Off Current R
1KÙ
Static Forward Current Transfer Ratio
hFE
Switching Times
FZT853


Podobny numer części - FZT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FZT853 ZETEX-FZT853 Datasheet
53Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT853 DIODES-FZT853 Datasheet
64Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT
FZT853 DIODES-FZT853 Datasheet
254Kb / 12P
   PWM high-efficiency LED driver control IC.
FZT853 DIODES-FZT853 Datasheet
406Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

Podobny opis - FZT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
FZT857 KEXIN-FZT857 Datasheet
40Kb / 2P
   NPN Silicon Planar High Current Transistor
logo
GTM CORPORATION
GL358 GTM-GL358 Datasheet
295Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT TRANSISTOR
GL158 GTM-GL158 Datasheet
294Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857 Datasheet
142Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT855 ZETEX-FZT855 Datasheet
516Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Guangdong Kexin Industr...
FZT849 KEXIN-FZT849 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
FZT851 KEXIN-FZT851 Datasheet
38Kb / 2P
   NPN Silicon Planar High Current (High Performance)Transistor
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com