Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NZT753 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części NZT753
Szczegółowy opis  PNP Current Driver Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

NZT753 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  NZT753 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 Base
2 Collector
3 Emitter
4 Collector
PNP Current Driver Transistor
NZT753
Features
Absolute Maximum Ratings Ta = 25
unless otherwise noted
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
-100
V
Collector-Base Voltage
VCBO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-4
A
Operating and Storage Junction Temperature Range
TJ,TSTG
-55to+150
Total Device Dissipation
1.2
W
Derate above 25
9.7
mW/
Thermal Resistance, Junction to Ambient
RèJA
103
/W
PD
Electrical Characteristics Ta = 25
unless otherwise stated
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
BVCEO
IC = -10mA, IB =0
-100
V
Collector-Base Breakdown Voltage
BVCBO
IC = -100ìA, IE =0
-120
V
Emitter-Base Breakdown Voltage
BVEBO
IE = -100ìA, IC =0
-5.0
V
VCB = -100V, IE =0
-0.1
ìA
TA = 100
-10
ìA
Emitter-Base Cutoff Current
IEBO
VEB =-4V, IC =0
-0.1
ìA
VCE =-2.0V, IC = -50mA
70
VCE =-2.0V, IC = -500mA
100
300
VCE =-2.0V, IC = -1.0A
55
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -1.0A, IC = -50mA
-0.3
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = -1.0A, IB = -100mA
-1.25
V
Base-Emitter On Voltage
VBE(on)
VCE = -2.0V, IC = -1.0A,
-1.0
V
Transition Frequency
fT
VCE =-5V, IC = -100mA, f = 100MHz
75
MHz
*Pulse Test: Pulse Width
300ìs, Duty Cycle
2.0%
ICBO
Collector-Base Cutoff Current
hFE
DC Current Gain


Podobny numer części - NZT753

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
   PNP Current Driver Transistor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
   PNP Current Driver Transistor
More results

Podobny opis - NZT753

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NZT749 FAIRCHILD-NZT749 Datasheet
38Kb / 3P
   PNP Current Driver Transistor
D45C11 FAIRCHILD-D45C11 Datasheet
58Kb / 3P
   PNP Current Driver Transistor
NZT751 FAIRCHILD-NZT751 Datasheet
99Kb / 3P
   PNP Current Driver Transistor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
   PNP Current Driver Transistor
NZT753 FAIRCHILD-NZT753 Datasheet
39Kb / 3P
   PNP Current Driver Transistor
D45C11 FAIRCHILD-D45C11_10 Datasheet
101Kb / 3P
   PNP Current Driver Transistor
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
   PNP (DRIVER TRANSISTOR)
MMBTA56 SAMSUNG-MMBTA56 Datasheet
28Kb / 1P
   PNP (DRIVER TRANSISTOR)
logo
Seme LAB
SJ5437 SEME-LAB-SJ5437 Datasheet
23Kb / 2P
   PNP DRIVER TRANSISTOR
SJ5438 SEME-LAB-SJ5438 Datasheet
26Kb / 2P
   PNP DRIVER TRANSISTOR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com